Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE20V8Q-15PI5 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # PALCE20V8Q-15PI5
Description  EE CMOS 24-Pin Universal Programmable Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8Q-15PI5 Datasheet(HTML) 5 Page - Advanced Micro Devices

  PALCE20V8Q-15PI5 Datasheet HTML 1Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 2Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 3Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 4Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 5Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 6Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 7Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AMD
2-159
PALCE20V8 Family
Configuration Options
Each macrocell can be configured as one of the follow-
ing: registered output, combinatorial output, combinato-
rial I/O or dedicated input. In the registered output
configuration, the output buffer is enabled by the
OE pin.
In the combinatorial configuration, the buffer is either
controlled by a product term or always enabled. In the
dedicated input configuration, the buffer is always dis-
abled. A macrocell configured as a dedicated input de-
rives the input signal from an adjacent I/O.
The macrocell configurations are controlled by the con-
figuration control word. It contains 2 global bits (SG0
and SG1) and 16 local bits (SL00 through SL07 and SL10
through SL17). SG0 determines whether registers will
be allowed. SG1 determines whether the PALCE20V8
will emulate a PAL20R8 family or a combinatorial de-
vice. Within each macrocell, SL0x, in conjunction with
SG1, selects the configuration of the macrocell and
SL1x sets the output as either active low or active high.
The configuration bits work by acting as control inputs
for the multiplexers in the macrocell. There are four mul-
tiplexers: a product term input, an enable select, an out-
put select, and a feedback select multiplexer. SG1 and
SL0x are the control signals for all four multiplexers. In
MC0 and MC7,
SG0 replaces SG1 on the feedback
multiplexer.
These configurations are summarized in table 1 and il-
lustrated in figure 2.
If the PALCE20V8 is configured as a combinatorial de-
vice, the CLK and
OE pins may be available as inputs to
the array. If the device is configured with registers, the
CLK and
OE pins cannot be used as data inputs.
Registered Output Configuration
The control bit settings are SG0 = 0, SG1 = 1 and SL0x =
0. There is only one registered configuration. All eight
product terms are available as inputs to the OR gate.
Data polarity is determined by SL1x. SL1x is an input to
the exclusive-OR gate which is the D input to the flip-
flop. SL1x is programmed as 1 for inverted output or 0
for non-inverted output. The flip-flop is loaded on the
LOW-to-HIGH transition of CLK. The feedback path is
from
Q on the register. The output buffer is enabled by
OE.
Combinatorial Configurations
The PALCE20V8 has three combinatorial output con-
figurations: dedicated output in a non-registered device,
I/O in a non-registered device and I/O in a registered
device.
Dedicated Output in a Non-Registered
Device
The control settings are SG0 = 1, SG1 = 0, and SL0x = 0.
All eight product terms are available to the OR gate. Al-
though the macrocell is a dedicated output, the feed-
back is used, with the exception of pins 18(21) and
19(23). Pins 18(21) and 19(23) do not use feedback in
this mode.
Dedicated Input in a Non-Registered
Device
The control bit settings are SG0 = 1, SG1 = 0 and SL0x =
1. The output buffer is disabled. The feedback signal is
an adjacent I/O pin.
Combinatorial I/O in a Non-Registered
Device
The control settings are SG0 = 1, SG1 = 1, and SL0x = 1.
Only seven product terms are available to the OR gate.
The eighth product term is used to enable the output
buffer. The signal at the I/O pin is fed back to the AND
array via the feedback multiplexer. This allows the pin to
be used as an input.
Combinatorial I/O in a Registered Device
The control bit settings are SG0=0,SG1=1 and SL0x =1.
Only seven product terms are available to the OR gate.
The eighth product term is used as the output enable.
The feedback signal is the corresponding I/O signal.
Table 1. Macrocell Configurations
SG0 SG1 SL0x Cell Configuration Devices Emulated
Device has registers
0
1
0
Registered
PAL20R8, 20R6,
Output
20R4
0
1
1
Combinatorial I/O
PAL20R6, 20R4
Device has no registers
1
0
0
Combinatorial
PAL20L2,
Output
18L4,16L6,14L8
1
0
1
Dedicated Input
PAL20L2,18L4,
16L6
1
1
1
Combinatorial I/O
PAL20L8
Programmable Output Polarity
The polarity of each macrocell output can be active high
or active low, either to match output signal needs or to
reduce product terms. Programmable polarity allows
Boolean expressions to be written in their most compact
form (true or inverted), and the output can still be of the
desired polarity. It can also save “DeMorganizing”
efforts.
Selection is made through a programmable bit SL1x
which controls an exclusive-OR gate at the output of the
AND/OR logic. The output is active high if SL1x is a 0
and active low if SL1x is a 1.


Similar Part No. - PALCE20V8Q-15PI5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8Q-15PC/4 LATTICE-PALCE20V8Q-15PC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
More results

Similar Description - PALCE20V8Q-15PI5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com