Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S4096EV-55LLI Datasheet(PDF) 10 Page - AMIC Technology

Part # LP62S4096EV-55LLI
Description  512K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S4096EV-55LLI Datasheet(HTML) 10 Page - AMIC Technology

Back Button LP62S4096EV-55LLI Datasheet HTML 6Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 7Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 8Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 9Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 10Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 11Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 12Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 13Page - AMIC Technology LP62S4096EV-55LLI Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LP62S4096E-I Series
(January, 2002, Version 2.0)
10
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ,
tOHZ, tOL, tCHZ, tWHZ, and tOW
Data Retention Characteristics (TA = -40
°C to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
-
3.6
V
CE1
≥ VCC - 0.2V, or
CE2
≤ 0.2V
VCC = 2.0V,
ICCDR
Data Retention Current
LL-Version
-
0.08
3*
µA
CE1
≥ VCC - 0.2V, or
CE2
≤ 0.2V
VIN
≤ 0V
tCDR
Chip Disable to Data Retention Time
0
-
-
ns
tR
Operation Recovery Time
tRC
-
-
ns
See Retention Waveform
tVR
VCC Rising Time from Data Retention Voltage to
Operating Voltage
5
-
-
ms
*
LP62S4096E-55LLI / 70LLI
ICCDR: max.
1
µA at TA = 0°C to + 40°C


Similar Part No. - LP62S4096EV-55LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096EV-55LLT AMICC-LP62S4096EV-55LLT Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S4096EV-55LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com