Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S4096EX-55LLI Datasheet(PDF) 3 Page - AMIC Technology

Part # LP62S4096EX-55LLI
Description  512K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S4096EX-55LLI Datasheet(HTML) 3 Page - AMIC Technology

  LP62S4096EX-55LLI Datasheet HTML 1Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 2Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 3Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 4Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 5Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 6Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 7Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 8Page - AMIC Technology LP62S4096EX-55LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LP62S4096E-I Series
(January, 2002, Version 2.0)
3
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
1024 X 4096
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
I/O8
I/O1
A18
A17
A16
A0
VCC
GND
CE1
CE2
OE
WE
Pin Description
Symbol
Description
A0 - A18
Address Inputs
I/O1 - I/O8
Data Input/Outputs
GND
Ground
CE1, CE2
Chip Enable
OE
Output Enable
WE
Write Enable
VCC
Power Supply
Recommended DC Operating Conditions
(TA = -40
°C to + 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC +
0.3
V
VIL
Input Low Voltage
-0.3
0
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-


Similar Part No. - LP62S4096EX-55LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096EX-55LLT AMICC-LP62S4096EX-55LLT Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S4096EX-55LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com