Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFD2W684 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWFD2W684
Description  Metallized Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWFD2W684 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W684 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W684 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC60−
Plastic Film Capacitors
■Rating, Dimensions& Quantity/Ammo Box
Type ECWFD Rated voltage : 450 VDC
Suffix for lead crimped
Capacitance tolerance code
↑↑
Part No.
Cap.
(µF)
L max
T max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
G max.
ød
Taping
7.5mm
ECWFD2W474
□( )
ECWFD2W564
□( )
ECWFD2W684
□( )
ECWFD2W824
□( )
ECWFD2W105
□( )
ECWFD2W125
□( )
ECWFD2W155
□( )
ECWFD2W185
□( )
ECWFD2W225
□( )
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
5.8
6.2
6.7
7.2
7.8
8.5
9.3
10.1
11.1
9.0
9.4
9.9
10.4
11.0
11.6
12.5
13.3
14.3
14.0
14.4
14.9
15.4
16.0
16.6
17.5
18.3
19.3
16.0
16.4
16.9
17.4
18.0
18.6
19.5
20.3
21.3
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
500
400
300
200
Dimensions (mm)
Min. order Q'ty
1000
Bulk
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
60


Similar Part No. - ECWFD2W684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFD2W684 PANASONIC-ECWFD2W684 Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
ECWFD2W684 PANASONIC-ECWFD2W684 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECWFD2W684P PANASONIC-ECWFD2W684P Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECWFD2W684Q PANASONIC-ECWFD2W684Q Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
ECWFD2W684Q PANASONIC-ECWFD2W684Q Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWFD2W684

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com