Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC2002LRS-AWA-B-01 Datasheet(PDF) 11 Page - Powertip Technology

Part # PC2002LRS-AWA-B-01
Description  SPECIFICATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC2002LRS-AWA-B-01 Datasheet(HTML) 11 Page - Powertip Technology

Back Button PC2002LRS-AWA-B-01 Datasheet HTML 7Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 8Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 9Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 10Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 11Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 12Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 13Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 14Page - Powertip Technology PC2002LRS-AWA-B-01 Datasheet HTML 15Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PS2002LRS-AWA-B-01
Rev.0(DK)
Page11
• Write Mode (Writing data from MPU to ST7066U)
(Vcc = +5V,Ta=25
°C)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
TC
Enable Cycle Time
Pin E
1200
-
-
ns
TPW
Enable Pulse Width
Pin E
140
-
-
ns
TR , TF Enable Rise / Fall Time
Pin E
-
-
25
ns
TAS
Address Setup Time
Pins: RS , RW,E
0
-
-
ns
TAH
Address Hold Time
Pins :RS,RW,E
10
-
-
ns
TDSW
Data Setup Time
Pins:DB0~DB7
40
-
-
ns
TH
Data Hold Time
Pins:DB0~DB7
10
-
-
ns
• Read Mode (Reading data from ST7066U to MPU)
(Vcc = +5V,Ta=25
°C)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
TC
Enable Cycle Time
Pin E
1200
-
-
ns
TPW
Enable Pulse Width
Pin E
140
-
-
ns
TR , TF Enable Rise / Fall Time
Pin E
-
-
25
ns
TAS
Address Setup Time
Pins: RS , RW,E
0
-
-
ns
TAH
Address Hold Time
Pins :RS,RW,E
10
-
-
ns
TDDR
Data Setup Time
Pins:DB0~DB7
-
-
100
ns
TH
Data Hold Time
Pins:DB0~DB7
10
-
-
ns


Similar Part No. - PC2002LRS-AWA-B-01

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC2002-A POWERTIP-PC2002-A Datasheet
53Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-L POWERTIP-PC2002-L Datasheet
69Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-M POWERTIP-PC2002-M Datasheet
52Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC2002A-BCFBD P-TEC-PC2002A-BCFBD Datasheet
435Kb / 13P
   240 Column X 64 Row
More results

Similar Description - PC2002LRS-AWA-B-01

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com