Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCUMR16V336M5X5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCUMR16V336M5X5
Description  5mm 85째C MCUMR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCUMR16V336M5X5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCUMR16V336M5X5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCUMR16V336M5X5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCUMR16V336M5X5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
5mm 85°C MCUMR Series
Page <3>
19/01/12 V1.1
Part Number Table
Description
Part Number
CAPACITOR, 22
µF, 6.3 V
MCUMR6V3226M4X5
CAPACITOR, 33
µF, 6.3 V
MCUMR6V3336M4X5
CAPACITOR, 47
µF, 6.3 V
MCUMR6V3476M4X5
CAPACITOR, 100
µF, 6.3 V
MCUMR6V3107M5X5
CAPACITOR, 220
µF, 6.3 V
MCUMR6V3227M6.3X5
CAPACITOR, 330
µF, 6.3 V
MCUMR6V3337M8X5
CAPACITOR, 22
µF, 10 V
MCUMR10V226M4X5
CAPACITOR, 33
µF, 10 V
MCUMR10V336M4X5
CAPACITOR, 47
µF, 10 V
MCUMR10V476M5X5
CAPACITOR, 100
µF, 10 V
MCUMR10V107M6.3X5
CAPACITOR, 220
µF, 10 V
MCUMR10V227M8X5
CAPACITOR, 10
µF, 16 V
MCUMR16V106M4X5
CAPACITOR, 22
µF, 16 V
MCUMR16V226M4X5
CAPACITOR, 33
µF, 16 V
MCUMR16V336M5X5
CAPACITOR, 47
µF, 16 V
MCUMR16V476M6.3X5
CAPACITOR, 100
µF, 16 V
MCUMR16V107M6.3X5
CAPACITOR, 220
µF, 16 V
MCUMR16V227M8X5
CAPACITOR, 4.7
µF, 25 V
MCUMR25V475M4X5
CAPACITOR, 10
µF, 25 V
MCUMR25V106M4X5
CAPACITOR, 22
µF, 25 V
MCUMR25V226M5X5
CAPACITOR, 33
µF, 25 V
MCUMR25V336M6.3X5
CAPACITOR, 47
µF, 25 V
MCUMR25V476M6.3X5
CAPACITOR, 100
µF, 25 V
MCUMR25V107M8X5
CAPACITOR, 3.3
µF, 35 V
MCUMR35V335M4X5
CAPACITOR, 4.7
µF, 35 V
MCUMR35V475M4X5
CAPACITOR, 10
µF, 35 V
MCUMR35V106M5X5
CAPACITOR, 22
µF, 35 V
MCUMR35V226M6.3X5
CAPACITOR, 33
µF, 35 V
MCUMR35V336M8X5
CAPACITOR, 47
µF, 35 V
MCUMR35V476M8X5
CAPACITOR, 0.1
µF, 50 V
MCUMR50V104M4X5
CAPACITOR, 0.22
µF, 50 V
MCUMR50V224M4X5
CAPACITOR, 0.33
µF, 50 V
MCUMR50V334M4X5
CAPACITOR, 0.47
µF, 50 V
MCUMR50V474M4X5
CAPACITOR, 1
µF, 50 V
MCUMR50V105M4X5
CAPACITOR, 2.2
µF, 50 V
MCUMR50V225M4X5
CAPACITOR, 3.3
µF, 50 V
MCUMR50V335M4X5
CAPACITOR, 4.7
µF, 50 V
MCUMR50V475M5X5
CAPACITOR, 10
µF, 50 V
MCUMR50V106M6.3X5
CAPACITOR, 22
µF, 50 V
MCUMR50V226M8X5
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - MCUMR16V336M5X5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCU-0805 VISHAY-MCU-0805 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCU-0805-AT VISHAY-MCU-0805-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
MCU-0805-VG01 VISHAY-MCU-0805-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
MCU-0805-VG01 VISHAY-MCU-0805-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
MCU0402HP VISHAY-MCU0402HP_V01 Datasheet
156Kb / 10P
   High Power Thin Film Chip Resistors
01-Jan-2022
More results

Similar Description - MCUMR16V336M5X5

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Dubilier
DVCR DUBILIER-DVCR Datasheet
271Kb / 3P
   ELECTROLYTIC - 85째C
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
Kemet Corporation
F612JF822J100C KEMET-F612JF822J100C Datasheet
234Kb / 1P
   F612, Film, Metallized Polyester Stacked, General Purpose, 8200 pF, 5%, 100VDC, 85째C, Lead Spacing = 5mm
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Kemet Corporation
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
logo
List of Unclassifed Man...
LEDX-5 ETC2-LEDX-5 Datasheet
124Kb / 2P
   LEDX Series - 2 Pin Square 5mm x 5mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com