Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S2048M-10LT Datasheet(PDF) 1 Page - AMIC Technology

Part # LP62S2048M-10LT
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048M-10LT Datasheet(HTML) 1 Page - AMIC Technology

  LP62S2048M-10LT Datasheet HTML 1Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 2Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 3Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 4Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 5Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 6Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 7Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 8Page - AMIC Technology LP62S2048M-10LT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP62S2048-T Series
256K X 8 BIT LOW VOLTAGE CMOS SRAM
(August, 2001, Version 1.0)
1
AMIC Technology, Inc.
Features
n Power supply range: 2.7V to 3.3V
n Access times: 70/100 ns (max.)
n Current:
Low power version:
Operating: 30mA (max.)
Standby:
50
µA (max.)
Very low power version: Operating: 30mA (max.)
Standby:
10
µA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2V (min.)
n Available in 32-pin SOP, TSOP, TSSOP (8 X 13.4mm)
and 36-pin CSP packages
General Description
The LP62S2048-T is a low operating current 2,097,152-
bit static random access memory organized as 262,144
words by 8 bits and operates on a low power supply
range: 2.7V to 3.3V. It is built using AMIC's high
performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs are provided for POWER-DOWN
and device enable and an output enable input is included
for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configurations
n
n SOP
n
n TSOP/(TSSOP)
n
n CSP (Chip Size Package)
36-pin Top View
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
GND
I/O5
I/O6
I/O7
I/O8
A10
A9
A8
A13
CE2
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
1
16
17
32
Pin No.
Pin
Name
Pin No.
Pin
Name
1
2
A9
3
4
5
6
7
8
9
10
11
12
13
14
30
29
28
27
26
25
24
22
19
21
20
23
18
17
A8
A13
CE2
A15
VCC
A17
I/O8
A16
A14
A12
A7
A6
A3
A2
A1
A0
I/O1
I/O2
GND
I/O4
I/O5
I/O6
I/O7
I/O3
A11
WE
CE1
15
16
31
32
A5
A4
A10
OE
CE1
WE
A0
I/O5
I/O6
GND
VCC
I/O7
I/O8
A9
A10
OE
A11
CE1
A12
A13
A14
A16
NC
A17
A15
I/O4
I/O3
I/O2
I/O1
GND
VCC
A1
A2
CE2
WE
NC
A5
A4
A3
A6
A7
A8
6
5
4
3
2
1
A
B
C
D
E
F
G
H


Similar Part No. - LP62S2048M-10LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048M-10LI AMICC-LP62S2048M-10LI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048M-10LLI AMICC-LP62S2048M-10LLI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S2048M-10LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com