Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACU2109S3 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACU2109S3
Description  CATV/TV Cable modem Upconverter MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109S3 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACU2109S3 Datasheet HTML 1Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 2Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 3Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 4Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 5Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 6Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
A
ACU2109S3
Advanced Product Information
OPERATING RANGES
PARAMETER
MIN.
TYPICAL
MAX.
UNITS
Frequency
RF
IF
LO
50
900
950
860
1200
2060
MHz
VTUNE
1.5
27
Volts
VDDIF
4.75
5
5.25
Volts
VDDLO
4.75
5
5.25
Volts
IDDIF
65
85
mA
IDDLO
80
95
mA
NOTES:
L
=
Printed inductor
RG
=
Gain control/impedance match resistor (240 W for 8 dB gain)
RI
=
Current adjust resistor 2.7 W for 60 mA mixer current)
*
=
Apply -2V DC for shutdown, 0< VDC < 0.3 for 60 mA mixer current
0.01 uF
100 pF
3.3 uH
3.3 uH
BALUN
1:1
100 pF
IF
OUT
shut down/ *
current adjust
0.01 uF
0.01 uF
RF
IN
3.3uH
0.01 uF
330 uF
TANT
5 V
DC
(V
DD Osc.)
Tuning Voltage
0.10
µF
68 nH
47
ISV245
9.1 pF
100 pF
OSC OUT
(To prescaler)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5 V
DC
(V
DD Mixer)
L
RI
RG
1K
0.01
µF
12K
+


Similar Part No. - ACU2109S3

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU2109S3C ANADIGICS-ACU2109S3C Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3CTR ANADIGICS-ACU2109S3CTR Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3GP0 ANADIGICS-ACU2109S3GP0 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3GP1 ANADIGICS-ACU2109S3GP1 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
More results

Similar Description - ACU2109S3

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU50752S3C ANADIGICS-ACU50752S3C Datasheet
211Kb / 4P
   CATV/TV Cable modem Upconverter MMIC
logo
Eudyna Devices Inc
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
Advanced Semiconductor ...
ASW220 ASB-ASW220 Datasheet
803Kb / 12P
   CATV MMIC Amplifier
June 2017
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
   Diplexers for Digital CATV Set Top Box and Cable Modem
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com