Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCUMR50V106M6.3X5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCUMR50V106M6.3X5
Description  5mm 85째C MCUMR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCUMR50V106M6.3X5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCUMR50V106M6.3X5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCUMR50V106M6.3X5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCUMR50V106M6.3X5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5mm 85°C MCUMR Series
Page <2>
19/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Diagram of Dimensions
Dimensions : Millimetres
ØD (+0.5 Maximum)
3
4
5
6.3
8
F (±0.5)
1
1.5
2
2.5
3.5
Ød (±0.02)
0.4
0.45
0.45
0.45
0.5
4
(5)
6.3
(8)
10
(13)
16
(20)
25
(32)
35
(44)
50
(63)
0.1
-
-
-
-
-
R
4 × 5 (3 ×5)
0.22
-
-
-
-
-
0.33
-
-
-
-
-
0.47
-
-
-
-
-
1.0
-
-
-
-
-
2.2
-
-
-
-
-
3.3
-
-
-
-
R
4 × 5 (3 × 5)
4 × 5
4.7
-
-
-
R
4 × 5 (3 ×5)
4 × 5
5 × 5
10
-
-
R
4 × 5 (3 × 5)
4 × 5
5 × 5
6.3 × 5
22
R
4 × 5 (3 × 5)
4 × 5
4 × 5
5 × 5
6.3 × 5
8 × 5
33
4 × 5 (3 ×5)
4 × 5
5 × 5
6.3 × 5
8 × 5
-
47
R
5 × 5
6.3 × 5
-
100
5 × 5
6.3 × 5
8 × 5
-
-
220
6.3 × 5
8 × 5
8 × 5
-
-
-
330
8 × 5
-
-
-
-
-
470
8 × 5
-
-
-
-
-
-
Case Size Table
ØD x L (mm)
3 x 5 = UM3R Series
All blank voltage on sleeve marking is the same voltage as “R” point to
W.V. (SV)
µµF


Similar Part No. - MCUMR50V106M6.3X5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCU-0805 VISHAY-MCU-0805 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCU-0805-AT VISHAY-MCU-0805-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
MCU-0805-VG01 VISHAY-MCU-0805-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
MCU-0805-VG01 VISHAY-MCU-0805-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
MCU0402HP VISHAY-MCU0402HP_V01 Datasheet
156Kb / 10P
   High Power Thin Film Chip Resistors
01-Jan-2022
More results

Similar Description - MCUMR50V106M6.3X5

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Dubilier
DVCR DUBILIER-DVCR Datasheet
271Kb / 3P
   ELECTROLYTIC - 85째C
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
Kemet Corporation
F612JF822J100C KEMET-F612JF822J100C Datasheet
234Kb / 1P
   F612, Film, Metallized Polyester Stacked, General Purpose, 8200 pF, 5%, 100VDC, 85째C, Lead Spacing = 5mm
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Kemet Corporation
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
logo
List of Unclassifed Man...
LEDX-5 ETC2-LEDX-5 Datasheet
124Kb / 2P
   LEDX Series - 2 Pin Square 5mm x 5mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com