Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WA500W301151 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WA500W301151
Description  Stingray Adhesive Mount Wi-Fi/Zigbee Antenna
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WA500W301151 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WA500W301151 Datasheet HTML 1Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 2Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 3Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 4Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 5Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 6Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 7Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 8Page - List of Unclassifed Manufacturers WA500W301151 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-13-8-045/A/SS
Page 2 of 18
1. Introduction
The WA.500w IP67 Waterproof Stingray is a high efficiency, high gain adhesive mount
dual band wireless antenna. Its high quality low profile covert housing can be attached
onto the glass or plastic. The WA.500w is designed for applications that require
omni-directional gain across both bands to ensure wide coverage area and constant
reception and transmission for Wi-Fi and Zigbee applications.
2. Specifications
2.1 Dimensions
Parameter
Specification
Base Diameter
55mm
Base Height
10.8mm
2.2 Electrical Characteristics
Parameter
Specification
Frequency
2.4/5.8GHz
Polarization
Linear
Impedance
50Ω
VSWR
1.92 Max
2.3 Cable and Connector
Parameter
Specification
Dimensions
Diameter 55mm Height 10.80mm
Colour
Black
Connector
RP-SMA(M)
Fully Customisable
Cable
RG174 Length = 3M
Fully Customisable


Similar Part No. - WA500W301151

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WA500W301151 TAOGLAS-WA500W301151 Datasheet
2Mb / 20P
   MountStingray Adhesive
More results

Similar Description - WA500W301151

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
   Wi-Fi / ZigBee / WLAN Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
   Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
   Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
1001312 AVX-1001312 Datasheet
1Mb / 9P
   Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
logo
World Produts Inc.
WPANT10002 WPI-WPANT10002 Datasheet
171Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10020-CB WPI-WPANT10020-CB Datasheet
190Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10069 WPI-WPANT10069 Datasheet
77Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10019 WPI-WPANT10019 Datasheet
227Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10020 WPI-WPANT10020 Datasheet
202Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com