Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV400T-100WAEB Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV400T-100WAEB
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV400T-100WAEB Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV400T-100WAEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 7Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 8Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 9Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 10Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 11Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 12Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 13Page - Advanced Micro Devices AM29LV400T-100WAEB Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Am29LV400
10
PREL I M I N AR Y
Table 2.
Am29LV400T Top Boot Block Sector Address Table
Table 3.
Am29LV400B Bottom Boot Block Sector Address Table
Note for Tables 2 and 3: Address range is A17:A-1 in byte mode and A171:A0 in word mode. See “Word/Byte Configuration”
section for more information.
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
1110
X
X
32/16
70000h–77FFFh
38000h–3BFFFh
SA8
1111
00
8/4
78000h–79FFFh
3C000h–3CFFFh
SA9
1111
01
8/4
7A000h–7BFFFh
3D000h–3DFFFh
SA10
1111
1
X
16/8
7C000h–7FFFFh
3E000h–3FFFFh
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0000
0
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0000
10
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0000
11
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0001
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh


Similar Part No. - AM29LV400T-100WAEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPC1 AMD-AM29LV400BB-120DPC1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPE1 AMD-AM29LV400BB-120DPE1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPI1 AMD-AM29LV400BB-120DPI1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29LV400T-100WAEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com