Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CPC26MTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP16CPC26MTR
Description  Low voltage 16-bit constant current LED sink driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26MTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP16CPC26MTR Datasheet HTML 2Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 3Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 4Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 5Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 6Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 7Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 8Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 9Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
STP16CPC26
6/26
Doc ID 18469 Rev 4
V
DD
= 3.3 V - 5 V, Tj = 25°C, unless otherwise specified
Table 6.
Switching characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
f
clk
Clock frequency
-
-
30
MHz
tPLH1
CLK - OUTn
Propagation
delay time
(“L” to “H”)
VDS = 0.8 V
VIH= VDD
VIL= GND
Rext = 900 Ohm
RL = 50 Ohm
CL=10pF
-
100
-
ns
tPLH2
LE - OUTn
-
100
-
tPLH3
OE – OUTn
-
100
-
tPLHa
CLK - SDO
VDD=3.3V
-
30
-
tPLHb
VDD=5V
-
20
-
tPHL1
CLK - OUTn
Propagation
delay time
(“H” to “L”)
-28-
tPHL2
LE - OUTn
-
28
-
tPHL3
OE – OUTn
-
25
-
tPHLa
CLK - SDO
VDD=3.3V
-
30
-
tPHLb
VDD=5V
-
20
-
tw(CLK)
CLK
Pulse width
20
-
-
tw(L)
LE
20
-
-
tw(OE)
OE
150
-
-
t
su(L)
Setup time for LE
5
-
-
t
h(L)
Hold time for LE
5
-
-
t
su(D)
Setup time for SDI
5
-
-
t
h(D)
Hold time for SDI
10
-
-
tr
(1)
Maximum CLK rise time
-
-
5000
tf
(1)
Maximum CLK fall time
-
-
5000
t
or1a
Output rise time of Vout
VIH= VDD, VIL= GND
VDS = 0.8V, RL = 50
Ohm
CL=10pF , Iout= 22mA
VDD=3.3V
-
95
-
t
or1b
VDD=5V
-
85
-
t
of1a
Output fall time of Vout
VDD=3.3V
-
40
-
t
of1b
VDD=5V
-
25
-
t
or2a
Output rise time of Vout
VIH= VDD, VIL= GND
VDS = 0.8V, RL = 50
Ohm
CL=10pF , Iout= 55mA
VDD=3.3V
-
80
-
t
or2b
VDD=5V
-
70
-
t
of2a
Output fall time of Vout
VDD=3.3V
-
40
-
t
of2b
VDD=5V
-
30
-
I
out-ov
Output current turn-on
overshoot
VDS = 0.6 to 3V
CL=10pF; Iout= 5 to
60mA
--
0
%
1.
If devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer
between two cascaded devices


Similar Part No. - STP16CPC26MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26MTR STMICROELECTRONICS-STP16CPC26MTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
More results

Similar Description - STP16CPC26MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com