Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L120CR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30L120CR
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L120CR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30L120CR Datasheet HTML 1Page - STMicroelectronics STPS30L120CR Datasheet HTML 2Page - STMicroelectronics STPS30L120CR Datasheet HTML 3Page - STMicroelectronics STPS30L120CR Datasheet HTML 4Page - STMicroelectronics STPS30L120CR Datasheet HTML 5Page - STMicroelectronics STPS30L120CR Datasheet HTML 6Page - STMicroelectronics STPS30L120CR Datasheet HTML 7Page - STMicroelectronics STPS30L120CR Datasheet HTML 8Page - STMicroelectronics STPS30L120CR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPS30L120C
Characteristics
Doc ID 16313 Rev 3
5/10
Figure 12.
Forward voltage drop versus
forward current (per diode)
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
I
(A)
FM
V
(V)
FM
I
(A)
arm
V
(V)
arm
130
140
150
160
170
20
21
22
23
24
25
26
27
28
29
30
120


Similar Part No. - STPS30L120CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L120C STMICROELECTRONICS-STPS30L120C Datasheet
149Kb / 10P
   Power Schottky rectifier
logo
Inchange Semiconductor ...
STPS30L120CFP ISC-STPS30L120CFP Datasheet
291Kb / 2P
   Schottky Barrier Rectifier
STPS30L120CT ISC-STPS30L120CT Datasheet
293Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - STPS30L120CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com