Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP48 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP48
Description  SILICON NPN SWITCHING TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP48 Datasheet(HTML) 3 Page - STMicroelectronics

  TIP48 Datasheet HTML 1Page - STMicroelectronics TIP48 Datasheet HTML 2Page - STMicroelectronics TIP48 Datasheet HTML 3Page - STMicroelectronics TIP48 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
P011C
TO-220 MECHANICAL DATA
TIP47 / TIP48 / TIP49 / TIP50
3/4


Similar Part No. - TIP48

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP48 MOSPEC-TIP48 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
ON Semiconductor
TIP48 ONSEMI-TIP48 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
Motorola, Inc
TIP48 MOTOROLA-TIP48 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
Fairchild Semiconductor
TIP48 FAIRCHILD-TIP48 Datasheet
486Kb / 5P
   High Voltage and Switching Applications
logo
ON Semiconductor
TIP48 ONSEMI-TIP48 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Similar Description - TIP48

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com