Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT125BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT125BQ
Description  3.3 V quad buffer 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT125BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT125BQ Datasheet HTML 3Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 4Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 5Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 6Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 7Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 8Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 9Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 10Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVT_LVTH125_6
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 6 March 2006
7 of 16
Philips Semiconductors
74LVT125; 74LVTH125
3.3 V quad buffer; 3-state
[1]
Typical values are measured at VCC = 3.3 V and Tamb =25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.0 V to
3.6 V a transition time of 100
µs is permitted. This parameter is valid for Tamb =25 °C only.
[5]
ICC is measured with outputs pulled to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
11. Dynamic characteristics
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
∆I
CC
additional quiescent supply
current
per input pin; VCC = 3 V to 3.6 V;
one input at VCC − 0.6 V and
other inputs at VCC or GND
[6] -
0.1
0.2
mA
Ci
input capacitance
VI = 0 V or 3.0 V
-
4
-
pF
Co
output capacitance
outputs disabled;
VO = 0 V or 3.0 V
-8
-pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
tPLH
LOW-to-HIGH propagation delay nAn to nY
see Figure 6
VCC = 2.7 V
-
-
4.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
4.0
ns
tPHL
HIGH-to-LOW propagation delay nAn to nY see Figure 6
VCC = 2.7 V
-
-
4.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.9
3.9
ns
tPZH
output enable time nOE to nY
see Figure 7
VCC = 2.7 V
-
-
6.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.4
4.7
ns
tPZL
output enable time nOE to nY
see Figure 7
VCC = 2.7 V
-
-
6.5
ns
VCC = 3.0 V to 3.6 V
1.1
3.4
4.7
ns
tPHZ
output disable time nOE to nY
see Figure 7
VCC = 2.7 V
-
-
5.7
ns
VCC = 3.0 V to 3.6 V
1.8
3.7
5.1
ns
tPLZ
output disable time nOE to nY
see Figure 7
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.0 V to 3.6 V
1.3
2.6
4.5
ns


Similar Part No. - 74LVT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125BQ PHILIPS-74LVT125BQ Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
logo
Nexperia B.V. All right...
74LVT125BQ NEXPERIA-74LVT125BQ Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
More results

Similar Description - 74LVT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com