Electronic Components Datasheet Search
Selected language     English  ▼


TDA5051A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5051A
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
4 of 29
NXP Semiconductors
TDA5051A
Home automation modem
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration for SO16
TDA5051AT
DATA_IN
TEST1
DATA_OUT
PD
VDDD
RX_IN
CLK_OUT
VDDA
DGND
AGND
SCANTEST
VDDAP
OSC1
TX_OUT
OSC2
APGND
002aaf039
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3.
Pin description
Symbol
Pin
Description
DATA_IN
1
digital data input (active LOW)
DATA_OUT
2
digital data output (active LOW)
VDDD
3
digital supply voltage
CLK_OUT
4
clock output
DGND
5
digital ground
SCANTEST
6
test input (LOW in application)
OSC1
7
oscillator input
OSC2
8
oscillator output
APGND
9
analog ground for power amplifier
TX_OUT
10
analog signal output
VDDAP
11
analog supply voltage for power amplifier
AGND
12
analog ground
VDDA
13
analog supply voltage
RX_IN
14
analog signal input
PD
15
power-down input (active HIGH)
TEST1
16
test input (HIGH in application)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl