Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5051A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5051A
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA5051A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5051A Datasheet HTML 2Page - NXP Semiconductors TDA5051A Datasheet HTML 3Page - NXP Semiconductors TDA5051A Datasheet HTML 4Page - NXP Semiconductors TDA5051A Datasheet HTML 5Page - NXP Semiconductors TDA5051A Datasheet HTML 6Page - NXP Semiconductors TDA5051A Datasheet HTML 7Page - NXP Semiconductors TDA5051A Datasheet HTML 8Page - NXP Semiconductors TDA5051A Datasheet HTML 9Page - NXP Semiconductors TDA5051A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
6 of 29
NXP Semiconductors
TDA5051A
Home automation modem
Remark: In transmission mode, the receiving part of the circuit is not disabled and the
detection of the transmitted signal is normally performed. In this mode, the gain chosen
before the beginning of the transmission is stored, and the AGC is internally set to
−6dB as long as DATA_IN is LOW. Then, the old gain setting is automatically restored.
8.2 Reception mode
The input signal received by the modem is applied to a wide range input amplifier with
AGC (
−6 dB to +30 dB). This is basically for noise performance improvement and signal
level adjustment, which ensures a maximum sensitivity of the ADC. An 8-bit conversion is
then performed, followed by digital band-pass filtering, to meet the CISPR16
normalization and to comply with some additional limitations met in current applications.
After digital demodulation, the baseband data signal is made available after pulse
shaping.
The signal pin (RX_IN) is a high-impedance input which has to be protected and
DC decoupled for the same reasons as with pin TX_OUT. The high sensitivity (82 dB
μV)
of this input requires an efficient 50 Hz rejection filter (realized by the LC coupling
network), which also acts as an anti-aliasing filter for the internal digital processing;
(see Figure 15).
8.3 Data format
8.3.1 Transmission mode
The data input (DATA_IN) is active LOW: this means that a burst is generated on the line
(pin TX_OUT) when DATA_IN pin is LOW.
Pin TX_OUT is in a high-impedance state as long as the device is not transmitting.
Successive logic 1s are treated in a Non-Return-to-Zero (NRZ) mode, see pulse shapes
in Figure 8 and Figure 9.
8.3.2 Reception mode
The data output (pin DATA_OUT) is active LOW; this means that the data output is LOW
when a burst is received. Pin DATA_OUT remains LOW as long as a burst is received.
8.4 Power-down mode
Power-down input (pin PD) is active HIGH; this means that the power consumption is
minimum when pin PD is HIGH. Now, all functions are disabled, except clock generation.


Similar Part No. - TDA5051A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT PHILIPS-TDA5051AT Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT NXP-TDA5051AT Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
More results

Similar Description - TDA5051A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
   Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
   Battery Home Automation Cameras
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com