Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM75057 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SM75057
Description  T1/E1 Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM75057 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SM75057 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Low height of 5.65 mm
Operating temperature -40 °C to +85 °C
RoHS compliant*
Applications
Telecom
SM75057EL - T1/E1 Transformer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications @ 25 °C
OCL (1-3)
mH min. @ 10 kHz, 0.1 V ...............1.2
OCL (6-8)
mH min. @ 10 kHz, 0.1 V ...............1.2
OCL (1-3)
µH min. @ 10 kHz, 0.1 V,
(-40 °C to +85 °C) .........................600
OCL (6-8)
µH min. @ 10 kHz, 0.1 V,
(-40 °C to +85 °C) .........................600
LL (1-3)
µH max. @ 100 kHz, 0.1 V
short (16-14)...................................0.6
LL (6-8)
µH max. @ 100 kHz, 0.1 V
short (11-9).....................................0.6
Cww (16-1)
pF max. @ 100 kHz, 0.1 V...............30
Cww (11-6)
pF max. @ 100 kHz, 0.1 V
30 Turns Ratio
(1-3) : (16-14)...................... 1 : 2 ±2 %
(6-8) : (11-9)........................ 1 : 2 ±2 %
DCR (1-3).........................0.5 to 0.8 ohm
DCR (6-8).........................0.5 to 0.8 ohm
DCR (16-14).....................0.9 to 1.6 ohm
DCR (11-9).......................0.9 to 1.6 ohm
Polarity (1, 16, 6, 11)...........Same phase
HIPOT
Between Windings .............. 2000 VAC
How To Order
SM75057E L
Model
Termination
L = Tin only (RoHS Compliant)
Electrical Schematic
Packaging Specifications
Tape & Reel* ...................... 700 pcs./reel
*”E” suffix before “L” in part number
designates tape & reel packaging, e.g.
SM75057EL.
Product Dimensions
REV. 06/11
DIMENSIONS:
MM
(INCHES)
TOLERANCE: ±
0.254
(.010)
Soldering Profile
240 °C
4 °C/S
45 S
MAX.
PREHEATING
SOLDERING
COOLING
150 °C
COOLING
IN STILL AIR
90 S
MAX.
30 S
MAX.
1
3
16
14
6
8
11
9
SM75057L
(DATE)
12.70
(.500)
16
9
18
0.74
± 0.03
(.029
± .001)
16X
Recommended PAD layout
MAX.
7.00
(.276)
8.89
(.350)
8.33
(.328)
0.25
(.010)
0
° - 8 °
1.27
(.050)
1.91
(.075)
MAX.
9.40
(.370)
1.27
(.050)
0.51
(.020)
8.89
(.350)
MAX.
5.65
(.222)
MAX.
16 PLCS.
SM75057L
YYWW


Similar Part No. - SM75057

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM75057 BOURNS-SM75057 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057E BOURNS-SM75057E Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057EL BOURNS-SM75057EL Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057PEL BOURNS-SM75057PEL Datasheet
255Kb / 3P
   SM75057PEL - T1/E1 Transformer
More results

Similar Description - SM75057

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0134-EE5S XFMRS-XF0134-EE5S Datasheet
40Kb / 1P
   T1/E1 TRANSFORMER
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057 BOURNS-SM75057 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056EL BOURNS-SM75056EL Datasheet
261Kb / 1P
   T1/E1 Transformer
PT75161EL BOURNS-PT75161EL_11 Datasheet
248Kb / 1P
   T1/E1 Transformer
logo
PCA ELECTRONICS INC.
EPA3532S PCA-EPA3532S Datasheet
20Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0013B12 XFMRS-XF0013B12 Datasheet
46Kb / 1P
   T1/E1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3521S PCA-EPA3521S Datasheet
21Kb / 1P
   T1/E1 Transformer
EPR1421G PCA-EPR1421G Datasheet
39Kb / 1P
   T1/E1 Transformer
EPR1087G PCA-EPR1087G Datasheet
22Kb / 1P
   T1/E1 Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com