Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-30532 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AMIS-30532
Description  Micro-Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30532 Datasheet(HTML) 2 Page - ON Semiconductor

  AMIS-30532 Datasheet HTML 1Page - ON Semiconductor AMIS-30532 Datasheet HTML 2Page - ON Semiconductor AMIS-30532 Datasheet HTML 3Page - ON Semiconductor AMIS-30532 Datasheet HTML 4Page - ON Semiconductor AMIS-30532 Datasheet HTML 5Page - ON Semiconductor AMIS-30532 Datasheet HTML 6Page - ON Semiconductor AMIS-30532 Datasheet HTML 7Page - ON Semiconductor AMIS-30532 Datasheet HTML 8Page - ON Semiconductor AMIS-30532 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AMIS−30532
http://onsemi.com
2
Block DIAGRAM
Temp.
Sense
SPI
OTP
Timebase
POR
DI
DO
CS
CLK
NXT
SLA
DIR
ERR
Band−
gap
Load
Angle
AMIS−30532
Logic &
Registers
Chargepump
T
R
A
N
S
L
A
T
O
R
Vreg
CLR
VBB
P
W
M
I−sense
EMC
P
W
M
I−sense
EMC
VDD
GND
MOTXP
MOTXN
MOTYP
MOTYN
CPN CPP VCP
POR/WD
Figure 1. Block Diagram AMIS−30532
Table 1. PIN LIST AND DESCRIPTION
Name
Pin
Description
Type
Equivalent
Schematic
GND
1
Ground
Supply
DI
2
SPI Data In
Digital Input
Type 2
CLK
3
SPI Clock Input
Digital Input
Type 2
NXT
4
Next Micro−Step Input
Digital Input
Type 2
DIR
5
Direction Input
Digital Input
Type 2
ERR
6
Error Output (Open Drain)
Digital Output
Type 4
SLA
7
Speed Load Angle Output
Analog Output
Type 5
/
8
No Function (to be left open in normal operation)
CPN
9
Negative Connection of Charge Pump Capacitor
High Voltage
CPP
10
Positive Connection of Charge Pump Capacitor
High Voltage
VCP
11
Charge−Pump Filter−Capacitor
High Voltage
CLR
12
“Clear” = Chip Reset Input
Digital Input
Type 1
CS
13
SPI Chip Select Input
Digital Input
Type 2
VBB
14
High Voltage Supply Input
Supply
Type 3
MOTYP
15, 16
Negative End of Phase Y Coil Output
Driver Output
GND
17, 18
Ground, Heat Sink
Supply
MOTYN
19, 20
Positive End of Phase Y Coil Output
Driver Output
MOTXN
21, 22
Positive End of Phase X Coil Output
Driver Output
GND
23, 24
Ground, Heat Sink
Supply
MOTXP
25, 26
Negative End of Phase X Coil Output
Driver Output
VBB
27
High Voltage Supply Input
Supply
Type 3
/
30
No Function (to be left open in normal operation)
POR/WD
28
Power−On−Reset and Watchdog Reset Output (Open Drain)
Digital Output
Type 2
TST0
29
Test Pin Input (to be tied to ground in normal operation)
Digital Input
DO
31
SPI Data Output (Open Drain)
Digital Output
Type 4
VDD
32
Logic Supply Output (needs external decoupling capacitor)
Supply
Type 6


Similar Part No. - AMIS-30532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30532 ONSEMI-AMIS-30532 Datasheet
575Kb / 29P
   Micro-Stepping Motor Driver
October, 2009 -- Rev. 0
AMIS-30532 ONSEMI-AMIS-30532 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
More results

Similar Description - AMIS-30532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com