Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001S23 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ARA2001S23
Description  CATV Reverse Amplifier with step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001S23 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ARA2001S23 Datasheet HTML 1Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 2Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 3Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 4Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 5Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ARA2001S23
ELECTRICAL CHARACTERISTICS (TYPICAL) (V
DD=5 VDC, TC=25 °C)
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MT
I
N
US
T
N
E
M
M
O
C
n
i
a
G
1
z
H
M
0
1
@5
.
7
23
.
9
25
.
0
3B
dg
n
it
t
e
s
n
o
it
a
u
n
e
tt
a
B
d
0
t
A
s
s
e
n
t
a
l
F
n
i
a
G
1
-5
7
.
0-
B
dz
H
M
2
4
o
t
5
p
m
e
T
r
e
v
O
n
o
it
a
ir
a
V
n
i
a
G-
6
0
0
.
0
--
c
°
/
B
d
s
p
e
t
S
n
o
it
a
u
n
e
tt
A
1
B
d
1
B
d
2
B
d
4
B
d
8
B
d
6
1
B
d
2
3
5
6
.
0
6
.
1
6
.
3
5
.
7
0
.
5
1
2
.
0
3
3
8
.
0
0
7
.
1
5
7
.
3
5
7
.
7
0
4
.
5
1
5
7
.
0
3
0
0
.
1
5
0
.
2
0
.
4
0
.
8
8
.
5
1
3
.
1
3
B
d
2 dn
l
e
v
e
L
n
o
it
r
o
t
s
i
D
c
i
n
o
m
r
a
H
2
z
H
M
0
1-
5
7
-3
5
-c
B
dV
m
B
d
0
6
+
t
a
3 dr
l
e
v
e
L
n
o
it
r
o
t
s
i
D
c
i
n
o
m
r
a
H
2
z
H
M
0
1
-0
6
-3
5
-c
B
dV
m
B
d
0
6
+
t
a
3 dr
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
t
u
O
r
e
d
r
O8
7-
-
V
m
B
d
t
n
i
o
P
n
o
i
s
s
e
r
p
m
o
C
n
i
a
G
B
d
1-
5
.
8
6-
V
m
B
d
e
r
u
g
i
F
e
s
i
o
N
1
-0
.
30
.
4B
ds
s
o
l
n
u
l
a
b
t
u
p
n
i
s
e
d
u
l
c
n
I
r
e
w
o
P
e
s
i
o
N
t
u
p
u
O
g
n
it
t
e
S
.
n
tt
A
n
i
M
/l
a
n
g
i
S
o
N
/
e
v
it
c
A
g
n
it
t
e
S
.
n
tt
A
x
a
M
/l
a
n
g
i
S
o
N
/
e
v
it
c
A
-
-
-
-
5
.
5
2
-
8
.
0
4
-
V
m
B
d
h
t
d
i
w
d
n
a
b
z
H
K
0
0
2
3
y
n
A
z
H
M
2
4
-
5
m
o
rf
z
H
M
5
4
@
e
d
o
m
e
l
b
a
s
i
d
x
T
n
i
n
o
it
a
l
o
s
I-
5
6-
B
d
l
a
n
g
i
s
t
u
p
t
u
o
n
i
e
c
n
e
r
e
ff
i
D
/
e
l
b
a
n
e
x
T
n
e
e
w
t
e
b
l
e
v
e
l
e
l
b
a
s
i
d
e
c
n
a
d
e
p
m
I
t
u
p
n
I
1
-5
7-
m
h
o
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
1
-0
2
-2
1
-B
dd
e
l
b
a
n
e
x
T
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
1
-5
--
B
dd
e
l
b
a
s
i
d
x
T
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
1
-5
7-
m
h
o
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
1
-7
1
-2
1
-B
dd
e
l
b
a
n
e
x
T
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
1
-5
1
-0
1
-B
dd
e
l
b
a
s
i
d
x
T
V
1
D
D
V
,
2
D
D
)
4
2
,
1
2
,
9
,
4
s
n
i
P
(-
5
7
V
V
D
D
)
2
n
i
P
(
l
a
ti
g
i
D-
5
-
V
V
D
D
)
1
1
n
i
P
(
S
O
M
C3
-
5
V
I
1
D
D
)
9
d
n
a
4
s
n
i
P
(
)
p
m
A
t
u
p
n
I(-
8
40
8A
md
e
l
b
a
n
e
x
T


Similar Part No. - ARA2001S23

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
More results

Similar Description - ARA2001S23

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA05050S12-1 ANADIGICS-ARA05050S12-1 Datasheet
1Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com