Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73F273AF-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 73F273AF-RC
Description  High Q, high self-resonant frequency
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

73F273AF-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  73F273AF-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20.5
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
Varnished Chokes
Special Features
• High Q, high self-resonant frequency
• High voltage application
• Universal wound
• Ferrite core
• Low cost
• Varnish coated
• Operating temperature -55 to +105 °C
Notes
* Current to cause 35 °C max. temperature rise
73F Series
Part
Number
L (µH)
±5 %
Q
Min.
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
Max.
I, DC*
(mA)
Dim.
A
Max
73F104AF-RC
100
140
0.79
7.7
2.0
250
0.33
73F124AF-RC
120
140
0.79
7.0
2.2
250
0.33
73F154AF-RC
150
160
0.79
6.3
2.5
250
0.33
73F184AF-RC
180
160
0.79
6.0
2.9
250
0.34
73F224AF-RC
220
160
0.79
5.6
3.2
250
0.36
73F274AF-RC
270
160
0.79
5.1
3.6
250
0.36
73F334AF-RC
330
160
0.79
4.8
3.8
250
0.37
73F394AF-RC
390
160
0.79
4.4
4.2
225
0.39
73F474AF-RC
470
160
0.79
3.9
4.8
200
0.39
73F564AF-RC
560
160
0.79
3.6
5.3
200
0.40
73F684AF-RC
680
160
0.79
3.4
6.0
200
0.40
73F824AF-RC
820
150
0.79
3.1
6.8
200
0.44
73F103AF-RC
1000
140
0.79
2.6
7.5
150
0.47
73F123AF-RC
1200
140
0.25
2.2
7.8
150
0.54
73F153AF-RC
1500
140
0.25
2.0
8.8
150
0.58
73F183AF-RC
1800
140
0.25
1.8
11.0
150
0.61
73F223AF-RC
2200
100
0.25
1.5
12.0
150
0.44
73F273AF-RC
2700
100
0.25
1.4
13.5
125
0.47
73F333AF-RC
3300
100
0.25
1.3
15.1
125
0.50
73F393AF-RC
3900
95
0.25
1.2
18.0
125
0.51
73F473AF-RC
4700
95
0.25
1.0
21.5
100
0.53
73F563AF-RC
5600
95
0.25
1.0
25.0
80
0.56
73F683AF-RC
6800
95
0.25
0.90
29.0
80
0.59
73F823AF-RC
8200
70
0.25
0.91
30.0
80
0.54
73F102AF-RC
10,000
65
0.25
0.85
34.0
80
0.58
1.50
0.625
A
0.032
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Similar Description - 73F273AF-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
   High Q, high self-resonant frequency
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
74F BOURNS-74F Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
   High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com