Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1140-8R2M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1140-8R2M-RC
Description  Very high current capacity Low DCR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1140-8R2M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1140-8R2M-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
22.4
High Current Chokes
Special Features
• Very high current capacity
• Low DCR
• Epoxy coated ferrite bobbin core
• VW-1 rated shrink tubing to cover winding
• Self-leaded
• Fixed lead spacing
• Center hole for mechanical mounting
• Dielectric withstanding voltage:
2500 Vrms terminal to shrink tube cover;
1000 Vrms terminal to core
• Operating temperature -55 to +105 °C
Notes
* Rated current to cause 50 °C max. temperature
rise and 5 % max. inductance drop
1140 Series
Part
Number
L (µH)
±20 %
@ 1 KHz
DCR
Max.
I, dc*
(A)
Dim.
C
Approx.
Dim.
D
Nom.
1140-1R8M-RC
1.8
0.002
27
1.11
0.081
1140-2R2M-RC
2.2
0.002
27
1.11
0.081
1140-2R7M-RC
2.7
0.003
27
1.11
0.081
1140-3R3M-RC
3.3
0.003
27
1.11
0.081
1140-3R9M-RC
3.9
0.003
27
1.11
0.081
1140-4R7M-RC
4.7
0.003
27
1.11
0.081
1140-5R6M-RC
5.6
0.004
27
1.11
0.081
1140-6R8M-RC
6.8
0.004
27
1.15
0.081
1140-8R2M-RC
8.2
0.004
27
1.15
0.081
± 10 %
1140-100K-RC
10
0.005
27
1.15
0.081
1140-120K-RC
12
0.005
27
1.15
0.081
1140-150K-RC
15
0.006
27
1.15
0.081
1140-180K-RC
18
0.008
27
1.15
0.081
1140-220K-RC
22
0.009
21
1.15
0.081
1140-270K-RC
27
0.010
21
1.15
0.081
1140-330K-RC
33
0.011
21
1.15
0.072
1140-390K-RC
39
0.012
21
1.15
0.072
1140-470K-RC
47
0.018
14.4
1.15
0.072
1140-560K-RC
56
0.019
14.4
1.15
0.064
1140-680K-RC
68
0.021
14.4
1.15
0.064
1140-820K-RC
82
0.023
14.4
1.15
0.064
1140-101K-RC
100
0.025
14.4
1.15
0.064
1140-121K-RC
120
0.028
14.4
1.15
0.057
1140-151K-RC
150
0.040
11.4
1.15
0.057
1140-181K-RC
180
0.045
11.4
1.15
0.057
1140-221K-RC
220
0.050
11.4
1.15
0.051
1140-271K-RC
270
0.056
11.4
1.15
0.051
1140-331K-RC
330
0.074
11.4
1.15
0.051
1140-391K-RC
390
0.082
9
1.15
0.045
1140-471K-RC
470
0.114
7.2
1.15
0.045
1140-561K-RC
560
0.125
7.2
1.15
0.040
1140-681K-RC
680
0.139
7.2
1.15
0.040
1140-821K-RC
820
0.154
7.2
1.15
0.040
1140-102K-RC
1000
0.216
5.5
1.15
0.040
1140-122K-RC
1200
0.232
5.5
1.14
0.036
1140-152K-RC
1500
0.324
4.5
1.14
0.036
1140-182K-RC
1800
0.360
4.5
1.14
0.036
1140-222K-RC
2200
0.494
4
1.10
0.032
1140-272K-RC
2700
0.555
4
1.12
0.032
1140-332K-RC
3300
0.773
2.8
1.10
0.029
1140-392K-RC
3900
0.845
2.8
1.10
0.029
1140-472K-RC
4700
1.14
2
1.12
0.029
1140-562K-RC
5600
1.60
2
1.09
0.025
1140-682K-RC
6800
1.76
1.6
1.12
0.025
1140-822K-RC
8200
1.95
1.6
1.09
0.023
1140-103K-RC
10,000
2.76
1.3
1.11
0.023
1140-123K-RC
12,000
3.04
1.3
1.08
0.020
1140-153K-RC
15,000
3.39
1.3
1.10
0.020
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 05/08
D (Dia)
Lead tinned
to within 1/8"
of body
1.03
Max.
C
0.5
Max.
Dimensions: Inches
1.5
0.177 ± 0.016
0.275 +0.012/-0.020
Note: Major diameter of #6 screw = 0.138 ”


Similar Part No. - 1140-8R2M-RC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1140-2001 MOLEX11-1140-2001 Datasheet
26Kb / 3P
   Terminator Die
1140-2002 MOLEX11-1140-2002 Datasheet
26Kb / 3P
   Terminator Die
1140-2004 MOLEX11-1140-2004 Datasheet
26Kb / 2P
   Terminator Die
1140-2005 MOLEX11-1140-2005 Datasheet
24Kb / 1P
   Terminator Die
1140-2006 MOLEX11-1140-2006 Datasheet
26Kb / 2P
   Terminator Die
More results

Similar Description - 1140-8R2M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1130-1R0M-RC BOURNS-1130-1R0M-RC Datasheet
475Kb / 1P
   High Current Chokes Very high current capacity Fixed lead spacing
logo
Accetek Electronics (Sh...
1MA ACCETEK-1MA Datasheet
327Kb / 9P
   Shielded Construction with very low DCR
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Linear Technology
LTC3866EUF LINER-LTC3866EUF Datasheet
280Kb / 8P
   High Efficiency Step-Down Converter with Very Low DCR Inductor
logo
Vishay Siliconix
IFLP-4040DZ-01 VISHAY-IFLP-4040DZ-01 Datasheet
385Kb / 3P
   3 % DCR Tolerance, Low Profile, High Current Inductor
Revision: 08-Aug-08
logo
List of Unclassifed Man...
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com