Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2003M-TL-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS2003M-TL-E
Description  Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS2003M-TL-E Datasheet(HTML) 1 Page - ON Semiconductor

  SS2003M-TL-E Datasheet HTML 1Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 2Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 3Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 4Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52913 TKIM TC-00002896/O0312 TKIM/62005SB MSIM TB-00001370 No.8345-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
SS2003M
Schottky Barrier Diode
30V, 2.0A, Low VF, Single MCPH6
Applications
High frequency rectification (switching regulators, converters, choppers)
Halogen free compliance
Features
Small Switching noise
Low forward voltage (IF=2A, VF max=0.40V)
Small package permitting applied sets to be small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
I
O
2.0
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7022A-014
Ordering number : EN8345B
Ordering & Package Information
Device
Package
Shipping
memo
SS2003M-TL-W
MCPH6
SC-88, SC-70-6, SOT-363
3,000
pcs./reel
Pb-Free
and
Halogen Free
Packing Type : TL
Marking
Electrical Connection
TL
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SS2003M-TL-W
SF
65
4
13
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SS2003M-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results

Similar Description - SS2003M-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Sanyo Semicon Device
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com