Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78F390J-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 78F390J-RC
Description  Conformal Coated RF Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

78F390J-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  78F390J-RC Datasheet HTML 1Page - Bourns Electronic Solutions 78F390J-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Current rating up to 1.2 A
Dielectric strength: 500 VRMS
RoHS compliant*
Applications
DC/DC converters
Power supplies
General use
78F Series Conformal Coated RF Choke
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications (@ 25 °C)
Part Number
Value (
μH)
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
IDC
(mA)
Max.
78FR10K-RC
0.10 ±10 %
20
25
400
0.060
1200
78FR12K-RC
0.12 ±10 %
20
25
400
0.070
1200
78FR15K-RC
0.15 ±10 %
20
25
380
0.070
1200
78FR18K-RC
0.18 ±10 %
20
25
380
0.073
1150
78FR22K-RC
0.22 ±10 %
40
25
380
0.075
1150
78FR27K-RC
0.27 ±10 %
40
25
360
0.085
1110
78FR33K-RC
0.33 ±10 %
40
25
335
0.095
1110
78FR39K-RC
0.39 ±10 %
40
25
310
0.10
1000
78FR47K-RC
0.47 ±10 %
40
25
270
0.11
1000
78FR56K-RC
0.56 ±10 %
40
25
245
0.12
950
78FR68K-RC
0.68 ±10 %
40
25
230
0.13
900
78FR82K-RC
0.82 ±10 %
40
25
200
0.14
875
78F1R0K-RC
1.0 ±10 %
40
25
180
0.15
815
78F1R2K-RC
1.2 ±10 %
40
7.9
165
0.18
740
78F1R5K-RC
1.5 ±10 %
50
7.9
150
0.20
700
78F1R8K-RC
1.8 ±10 %
50
7.9
125
0.23
655
78F2R2K-RC
2.2 ±10 %
50
7.9
110
0.25
630
78F2R7K-RC
2.7 ±10 %
50
7.9
95
0.28
595
78F3R3J-RC
3.3 ±5 %
50
7.9
60
0.30
575
78F3R9J-RC
3.9 ±5 %
45
7.9
50
0.32
555
78F4R7J-RC
4.7 ±5 %
45
7.9
38
0.35
530
78F5R6J-RC
5.6 ±5 %
45
7.9
32
0.40
500
78F6R8J-RC
6.8 ±5 %
40
7.9
28
0.45
470
78F8R2J-RC
8.2 ±5 %
40
7.9
20
0.55
425
78F100J-RC
10 ±5 %
40
7.9
18
0.75
370
78F120J-RC
12 ±5 %
45
2.5
16
0.80
350
78F150J-RC
15 ±5 %
50
2.5
16
0.93
335
78F180J-RC
18 ±5 %
50
2.5
15
1.00
315
78F220J-RC
22 ±5 %
50
2.5
13
1.20
285
78F270J-RC
27 ±5 %
50
2.5
11
1.35
270
78F330J-RC
33 ±5 %
50
2.5
10
1.50
255
78F390J-RC
39 ±5 %
50
2.5
9.50
1.70
240
78F470J-RC
47 ±5 %
60
2.5
8.50
2.70
205
78F560J-RC
56 ±5 %
60
2.5
7.50
2.95
195
78F680J-RC
68 ±5 %
60
2.5
6.50
3.30
185
78F820J-RC
82 ±5 %
60
2.5
6.00
3.60
175
78F101J-RC
100 ±5 %
60
2.5
5.50
4.10
165
78F121J-RC
120 ±5 %
60
0.79
5.40
4.70
160
78F151J-RC
150 ±5 %
60
0.79
4.75
5.40
150
78F181J-RC
180 ±5 %
60
0.79
4.35
6.00
140
78F221J-RC
220 ±5 %
60
0.79
4.00
6.80
130
78F271J-RC
270 ±5 %
60
0.79
3.70
7.70
120
78F331J-RC
330 ±5 %
60
0.79
3.40
11.1
100
78F391J-RC
390 ±5 %
60
0.79
2.80
12.6
95
78F471J-RC
470 ±5 %
60
0.79
2.55
14.0
90
78F561J-RC
560 ±5 %
60
0.79
2.35
15.5
85
78F681J-RC
680 ±5 %
60
0.79
2.00
25.3
68
78F821J-RC
820 ±5 %
60
0.79
1.50
27.5
65
78F102J-RC
1000 ±5 %
60
0.79
1.20
31.4
60
General Specifications
Temperature Rise .......................... 35 °C
....................................at rated current
Operating Temperature Range
............................... -55 °C to +105 °C
(including temperature rise)
Storage Temperature Range
............................... -55 °C to +105 °C
Materials
Core Material .................. Ferrite DR core
Wire ....................Enamelled copper wire
Terminal ....................................Cu/Ni/Sn
Coating .................................Epoxy resin
Packaging
Standard ................ 5000 pcs. per bag
Optional..... 5000 pcs. per 14-inch reel
Electrical Schematic
How to Order
78F 100 J __ - RC
Model
Value Code (see table)
Tolerance Code (see table)
Packaging
Blank = 5,000 pcs./bag
-TR = 5,000 pcs./14” reel
RoHS Compliant
Examples:
• 78F1R0K-RC = 1.0 mH Model 78F
packaged 5,000 pcs. per bag.
• 78F100J-TR-RC = 10 mH Model 78F
packaged 5,000 pcs. per reel.


Similar Part No. - 78F390J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
78F390J-RC BOURNS-78F390J-RC Datasheet
164Kb / 2P
   Dielectric strength: 500 VRMS Power supplies General use
More results

Similar Description - 78F390J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com