Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120-181K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1120-181K-RC
Description  Very high current capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1120-181K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1120-181K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
22.2
High Current Chokes
Special Features
• Very high current capacity
• Low DCR
• Epoxy coated ferrite bobbin core
• VW-1 rated shrink tubing to cover winding
• Self-leaded
• Fixed lead spacing
• Center hole for mechanical mounting
• Dielectric withstanding voltage:
2500 Vrms terminal to shrink tube cover;
1000 Vrms terminal to core
• Operating temperature -55 to +105 °C
Notes
* Rated current to cause 50 °C max. temperature
rise and 5 % max. inductance drop
1120 Series
Part
Number
L (µH)
±20 %
@ 1 KHz
DCR
Max.
I, dc*
(A)
Dim.
C
Approx.
Dim.
D
Nom.
1120-1R0M-RC
1.0
0.003
11.4
0.63
0.072
1120-1R2M-RC
1.2
0.003
11.4
0.63
0.072
1120-1R5M-RC
1.5
0.003
11.4
0.63
0.072
1120-1R8M-RC
1.8
0.003
11.4
0.63
0.072
1120-2R2M-RC
2.2
0.004
11.4
0.63
0.072
1120-2R7M-RC
2.7
0.005
11.4
0.63
0.064
1120-3R3M-RC
3.3
0.005
11.4
0.63
0.064
1120-3R9M-RC
3.9
0.005
11.4
0.63
0.064
1120-4R7M-RC
4.7
0.005
11.4
0.63
0.064
1120-5R6M-RC
5.6
0.006
11.4
0.63
0.064
1120-6R8M-RC
6.8
0.007
11.4
0.63
0.064
1120-8R2M-RC
8.2
0.007
11.4
0.63
0.064
± 10 %
1120-100K-RC
10
0.009
11.4
0.63
0.064
1120-120K-RC
12
0.009
11.4
0.63
0.057
1120-150K-RC
15
0.013
9
0.63
0.057
1120-180K-RC
18
0.018
7.2
0.63
0.051
1120-220K-RC
22
0.019
7.2
0.63
0.051
1120-270K-RC
27
0.026
5.5
0.63
0.051
1120-330K-RC
33
0.029
5.5
0.60
0.045
1120-390K-RC
39
0.030
5.5
0.60
0.045
1120-470K-RC
47
0.035
5.5
0.62
0.045
1120-560K-RC
56
0.039
5.5
0.62
0.040
1120-680K-RC
68
0.053
4.8
0.62
0.040
1120-820K-RC
82
0.060
4.8
0.62
0.040
1120-101K-RC
100
0.080
4
0.62
0.036
1120-121K-RC
120
0.090
4
0.62
0.036
1120-151K-RC
150
0.098
4
0.62
0.032
1120-181K-RC
180
0.110
4
0.62
0.032
1120-221K-RC
220
0.150
2.8
0.62
0.032
1120-271K-RC
270
0.213
2
0.60
0.029
1120-331K-RC
330
0.305
1.6
0.60
0.029
1120-391K-RC
390
0.320
1.6
0.60
0.025
1120-471K-RC
470
0.355
1.6
0.60
0.025
1120-561K-RC
560
0.388
1.6
0.60
0.025
1120-681K-RC
680
0.430
1.6
0.60
0.025
1120-821K-RC
820
0.590
1.3
0.60
0.023
1120-102K-RC
1000
0.818
1
0.60
0.020
1120-122K-RC
1200
1.14
0.8
0.60
0.020
1120-152K-RC
1500
1.26
0.8
0.60
0.020
1120-182K-RC
1800
1.39
0.8
0.60
0.018
1120-222K-RC
2200
1.54
0.8
0.60
0.018
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 05/08
D (Dia)
Lead tinned
to within 1/8"
of body
0.84
Max.
C
0.5
Max.
0.142 ± 0.020
0.81
Dimensions: Inches
Note: Major diameter of #4 screw = 0.112 ”


Similar Part No. - 1120-181K-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120-181K ETC1-1120-181K Datasheet
38Kb / 1P
   HIGH CURRENT RF CHOKES
More results

Similar Description - 1120-181K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
1130-1R0M-RC BOURNS-1130-1R0M-RC Datasheet
475Kb / 1P
   High Current Chokes Very high current capacity Fixed lead spacing
logo
List of Unclassifed Man...
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
   High load current capacity
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com