Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4631-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4631-RC
Description  High Q, high self-resonant frequency
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4631-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4631-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20.1
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
Varnished Chokes
Special Features
• High Q, high self-resonant frequency
• High voltage application on phenolic
components
• Single layer or 3-pi universal wound
• Low cost
• Varnish coated
• Operating temperature:
phenolic -55 to +125 °C
iron & ferrite -55 to +105 °C
Notes
* Current to cause 35 °C max. temperature rise
4600 Series
Part
Number
L (µH)
±20 %
Q
Min.
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
Max.
I, DC*
(mA)
Coil
Diam.
Max.
Core
Matl.
Fig.
4602-RC
1.0
60
7.96
190
0.05
2000
0.27
Phenolic
A
±10 %
4604-RC
1.5
58
7.96
149
0.093
1800
0.27
Phenolic
A
4606-RC
2.4
56
7.96
120
0.19
1500
0.27
Phenolic
A
4608-RC
3.9
60
7.96
93
0.45
1000
0.27
Phenolic
A
4609-RC
5.5
57
7.96
80
0.67
850
0.27
Phenolic
A
4610-RC
6.2
57
7.96
76
0.83
700
0.27
Phenolic
A
4611-RC
8.2
57
7.96
65
1.2
600
0.27
Phenolic
A
4612-RC
10
36
2.52
61
1.5
500
0.27
Phenolic
A
±5 %
4622-RC
10
69
2.52
40
0.11
1500
0.29
Iron
B
4624-RC
15
62
2.52
33
0.17
1000
0.29
Iron
B
4626-RC
24
65
2.52
25
0.34
800
0.29
Iron
B
4628-RC
39
70
2.52
20
0.65
600
0.29
Iron
B
4629-RC
55
72
2.52
17
1.0
500
0.29
Iron
B
4630-RC
62
83
2.52
16
1.2
475
0.29
Iron
B
4631-RC
82
85
2.52
13
1.9
450
0.29
Iron
B
4632-RC
100
107
0.79
12
3.0
400
0.29
Iron
B
4642-RC
100
49
0.79
11
5.4
160
0.41
Phenolic
C
4644-RC
150
53
0.79
8.8
6.5
160
0.41
Phenolic
C
4646-RC
240
56
0.79
7.2
8.5
160
0.44
Phenolic
C
4648-RC
390
57
0.79
5.6
11.0
160
0.50
Phenolic
C
4649-RC
550
58
0.79
4.8
13.0
160
0.50
Phenolic
C
4650-RC
620
59
0.79
4.5
15.0
160
0.53
Phenolic
C
4651-RC
750
56
0.79
4.0
16.0
160
0.53
Phenolic
C
4652-RC
1000
59
0.252
3.7
19.0
160
0.56
Phenolic
C
L Test @1
KHz
Q Test
Freq.
4662-RC
1000
83
0.252
2.6
8.6
160
0.47
Iron
D
4664-RC
1500
82
0.252
2.1
11.0
160
0.47
Iron
D
4666-RC
2400
80
0.252
1.7
15.0
160
0.53
Iron
D
4668-RC
3900
73
0.252
1.4
20.0
160
0.56
Iron
D
4669-RC
5500
69
0.252
1.1
25.0
160
0.59
Iron
D
4670-RC
6200
89
0.252
1.0
37.0
100
0.53
Iron
D
4671-RC
8200
83
0.252
0.94
46.0
100
0.56
Iron
D
4672-RC
10,000
68
0.0796
0.82
50.0
100
0.59
Iron
D
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
1.375 ± 0.125
0.029
1.5
1.5
1.5
0.875
0.875
0.875
0.29
MAX.
A
A
0.032
0.029
0.032
Fig. A
Fig. B
Fig. C
Fig. D
0.27
MAX.
0.75 ± 0.04
REV. 02/09
Dimensions: Inches


Similar Part No. - 4631-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4631-RC BOURNS-4631-RC Datasheet
108Kb / 1P
   Varnished Chokes
More results

Similar Description - 4631-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
   High Q, high self-resonant frequency
74F BOURNS-74F Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
   High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com