Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI-3544 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-3544
Description  4-port RS-422/RS-485 Isolated Serial Communications Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-3544 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-3544 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10-5 www.adlinktech.com
4-port RS-422/RS-485 Isolated Serial Communications Modules
Features
■ 32-bit CompactPCI, PICMG 2.0 Rev 2.1
■ Plug-and-play, IRQ & I/O address automatically assigned by
PCI BIOS
■ Four asynchronized communications ports with intelligent
buffer
■ Four RS-422/RS-485 ports
■ 1000 VRMS isolation voltage
■ Suitable for modems, data display, data collection,
telecommunications
■ Supports Multiple OS
■ Surge protectors
■ Rugged DB37 connector
■ Only support CompactPCI interface 5V (I/O)
cPCI-3544 Series
Windows® 2000/XP/XP Embedded/NT/95/98
Linux drivers
Software Support
Serial Communications Controller
16C550A compatible
System I/O Mapping
Assigned by PCI BIOS
Shared IRQ
Port Capability
4 independent isolation RS-422/RS-485 ports (switch selectable)
Max. 8 cards per system (32 ports max.)
Baud Rate
Each port can be configured to 50 to 115,200 bps
Isolation Voltage
1000 VRMS
RS-485 ports support auto-direction flow control
Supports rear I/O option for cPCI-3544R
Connector
DB37 female connector
Operating Temperature
0˚C to +60˚C
Storage Temperature
-20˚C to +70˚C
Humidity
5% to 95% non-condensed
Specifications
Factory automation
Distributed monitoring and control systems
Telecommunications
POS systems
Stock market systems
Traffic control systems
Applications
Ordering Information
■ cPCI-3544
Isolated 4-port RS-422/RS-485 serial communications
module
■ cPCI-3544R
Isolated 4-port RS-422/RS-485 serial communications
module with rear I/O support
Accessories
■ C409M
DB37 to four DB9 male cable
■ C425M
DB37 to four DB25 male cable
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - CPCI-3544

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
CPCI-3544R ADLINK-CPCI-3544R Datasheet
168Kb / 1P
   Serial Communications Controller
More results

Similar Description - CPCI-3544

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
SMX-200 VECOW-SMX-200 Datasheet
529Kb / 1P
   Mini PCIe 4-port Isolated RS-232/422/485 Serial Card
logo
Moxa Inc.
CA-114 MOXA-CA-114 Datasheet
321Kb / 3P
   4-port RS-232/422/485 PC/104 modules
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
   4-port RS-232/422/485 Serial Device Server
logo
Moxa Inc.
5400 MOXA-5400 Datasheet
2Mb / 5P
   4-port RS-232/422/485 serial device servers
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
   4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
   4-port RS-232/422/485 Serial Device Server
logo
Moxa Inc.
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
   Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
Maxim Integrated Produc...
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com