Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA30CAT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA30CAT3G
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA30CAT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA30CAT3G Datasheet HTML 1Page - ON Semiconductor 1SMA30CAT3G Datasheet HTML 2Page - ON Semiconductor 1SMA30CAT3G Datasheet HTML 3Page - ON Semiconductor 1SMA30CAT3G Datasheet HTML 4Page - ON Semiconductor 1SMA30CAT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SMA10CAT3G Series, SZ1SMA10CAT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 4)
IR @ VRWM
Breakdown Voltage
VC @ IPP
(Note 6)
C Typ.
(Note 7)
VBR (Volts) (Note 5)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMA10CAT3G
QXC
10
2.5
11.1
11.69
12.27
1.0
17.0
23.5
580
1SMA11CAT3G
QZC
11
2.5
12.2
12.84
13.48
1.0
18.2
22.0
530
1SMA12CAT3G
REC
12
2.5
13.3
14.00
14.70
1.0
19.9
20.1
490
1SMA13CAT3G
RGC
13
2.5
14.4
15.16
15.92
1.0
21.5
18.6
455
1SMA14CAT3G
RKC
14
2.5
15.6
16.42
17.24
1.0
23.2
17.2
425
1SMA15CAT3G
RMC
15
2.5
16.7
17.58
18.46
1.0
24.4
16.4
400
1SMA16CAT3G
RPC
16
2.5
17.8
18.74
19.67
1.0
26.0
15.4
375
1SMA18CAT3G
RTC
18
2.5
20
21.06
22.11
1.0
29.2
13.7
335
1SMA20CAT3G
RVC
20
2.5
22.2
23.37
24.54
1.0
32.4
12.3
305
1SMA24CAT3G
RZC
24
2.5
26.7
28.11
29.51
1.0
38.9
10.3
260
1SMA26CAT3G
SEC
26
2.5
28.9
30.42
31.94
1.0
42.1
9.5
240
1SMA28CAT3G
SGC
28
2.5
31.1
32.74
34.37
1.0
45.4
8.8
225
1SMA30CAT3G
SKC
30
1.0
33.3
35.06
36.81
1.0
48.4
8.3
210
1SMA33CAT3G
SMC
33
2.5
36.7
38.63
40.56
1.0
53.3
7.5
190
1SMA36CAT3G
SPC
36
2.5
40
42.11
44.21
1.0
58.1
6.9
175
1SMA40CAT3G
SRC
40
2.5
44.4
46.74
49.07
1.0
64.5
6.2
160
1SMA48CAT3G
SXC
48
2.5
53.3
56.11
58.91
1.0
77.4
5.2
135
1SMA51CAT3G
SZC
51
2.5
56.7
59.69
62.67
1.0
82.4
4.9
130
1SMA58CAT3G
TGC
58
2.5
64.4
67.79
71.18
1.0
93.6
4.3
115
1SMA60CAT3G
TKC
60
2.5
66.7
70.21
73.72
1.0
96.8
4.1
110
1SMA70CAT3G
TPC
70
2.5
77.8
81.90
85.99
1.0
113
3.5
95
1SMA78CAT3G
TTC
78
2.5
86.7
91.27
95.83
1.0
126
3.2
90
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level
5. VBR measured at pulse test current IT at an ambient temperature of 25C
6. Surge current waveform per Figure 2 and derate per Figure 3
7. Bias voltage = 0 V, F = 1.0 MHz, TJ = 25C.
†Please see 1SMA5.0AT3 to 1SMA78AT3 for Unidirectional devices.
* Include SZ-prefix devices where applicable.


Similar Part No. - 1SMA30CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA30CAT3G ONSEMI-1SMA30CAT3G Datasheet
58Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA30CAT3G ONSEMI-1SMA30CAT3G Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
1SMA30CAT3G ONSEMI-1SMA30CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA30CAT3G ONSEMI-1SMA30CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results

Similar Description - 1SMA30CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA10CAT3G ONSEMI-1SMA10CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA5.0AT3G ONSEMI-1SMA5.0AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com