Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78F681J-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 78F681J-RC
Description  Conformal Coated RF Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

78F681J-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  78F681J-RC Datasheet HTML 1Page - Bourns Electronic Solutions 78F681J-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
78F Series Conformal Coated RF Choke
Product Dimensions
Typical Part Marking - EIA Color Code
REV. 10/11
25.40
(1.0)
7.11
(0.28)
MAX.
MAX.
MIN.
25.40
(1.0)
MIN.
2.79
(0.11)
0.51
(0.020)
1st significant figure (Blue)
2nd significant figure (Gray)
Multiplier (Gold)
Tolerance (Gold)
Example for 6.8 µH, ±5 %
Example for 270 µH, ±5 %
Color
1st & 2nd
Significant
Figure
Multiplier
Tolerance
Silver
Gold
Black
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White
0
1
2
3
4
5
6
7
8
9
0.01
0.1
1
10
100
1000
±10 %
±5 %
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)


Similar Part No. - 78F681J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
78F681J-RC BOURNS-78F681J-RC Datasheet
164Kb / 2P
   Dielectric strength: 500 VRMS Power supplies General use
More results

Similar Description - 78F681J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com