Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z5V1T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MM5Z5V1T1G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM5Z5V1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  MM5Z5V1T1G Datasheet HTML 1Page - ON Semiconductor MM5Z5V1T1G Datasheet HTML 2Page - ON Semiconductor MM5Z5V1T1G Datasheet HTML 3Page - ON Semiconductor MM5Z5V1T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 10
1
Publication Order Number:
MM5Z2V4T1/D
MM5ZxxxT1G Series,
SZMM5ZxxxT1G Series
Zener Voltage Regulators
300 mW SOD−523 Surface Mount
This series of Zener diodes is packaged in a SOD−523 surface
mount package. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a
premium. They are well suited for applications such as cellular
phones, hand held portables, and high density PC boards.
Specification Features:
Standard Zener Breakdown Voltage Range − 2.4 V to 75 V
Steady State Power Rating of 300 mW
Small Body Outline Dimensions:
0.047
″ x 0.032″ (1.20 mm x 0.80 mm)
Low Body Height: 0.028″ (0.7 mm)
ESD Rating of Class 3 (> 16 kV) per Human Body Model
AEC−Q101 Qualified and PPAP Capable − SZMM5ZxxxT1G
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These are Pb−Free Devices*
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
@ TA = 25°C
PD
300
mW
Thermal Resistance,
Junction−to−Ambient (Note 1)
RqJA
390
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. EIA/JEDEC51.3 board design and EIA/JEDEC51.2 still air test method
(25 mm2, 2 oz., 3.8 mm plating).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
1
Cathode
2
Anode
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 3 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOD−523
CASE 502
STYLE 1
MARKING DIAGRAM
1
2
MM5ZxxxxT1G
SOD−523
(Pb−Free)
3,000 /
Tape & Reel
XX = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
XX M G
G
SZMM5ZxxxT1G
SOD−523
(Pb−Free)
3,000 /
Tape & Reel


Similar Part No. - MM5Z5V1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z5V1T1G ONSEMI-MM5Z5V1T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
MM5Z5V1T1G ONSEMI-MM5Z5V1T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z5V1T1G ONSEMI-MM5Z5V1T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z5V1T1G ONSEMI-MM5Z5V1T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z5V1T1G ONSEMI-MM5Z5V1T1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
More results

Similar Description - MM5Z5V1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com