Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD669-850 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD669-850
Description  HIGH-POWER GaAlAs IRLED ILLUMINATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD669-850 Datasheet(HTML) 1 Page - OptoDiode Corp

  OD669-850 Datasheet HTML 1Page - OptoDiode Corp OD669-850 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669-850
FEATURES
• Ultra high optical output
• 850nm IR illuminator
• Very uniform optical beam
• Standard 2-lead TO-66 electrically isolated
package
• Ideal for night vision illumination
All surfaces are gold plated. Dimensions are
nominal values in inches unless otherwise
specified.
Total Power Output, Po
Peak Emission Wavelength, λP
Spectral Bandwidth at 50%, Δλ
Half Intensity Beam Angle, θ
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Rise Time
Fall Time
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10μs, 200Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10 sec)
IF = 300mA
IF = 50mA
If = 300mA
IR = 10μA
1250
850
40
120
14.4
30
200
200
16.2
mW
nm
nm
Deg
Volts
Volts
nsec
nsec
6W
370mA
1A
5V
260°C
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
800
5
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA
Thermal Resistance, RTHJC
-40°C to +100°C
100°C
60°C/W Typical
16°C/W Typical
THERMAL PARAMETERS
RoHS
Revision June 23, 2013


Similar Part No. - OD669-850

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD669 OPTODIODE-OD669 Datasheet
248Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
More results

Similar Description - OD669-850

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD663-850 OPTODIODE-OD663-850 Datasheet
269Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850 Datasheet
276Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD666 OPTODIODE-OD666 Datasheet
248Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663-850 OPTODIODE-OD-663-850_15 Datasheet
353Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669_15 Datasheet
295Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663 OPTODIODE-OD-663 Datasheet
374Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663 OPTODIODE-OD-663_13 Datasheet
250Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669-850 OPTODIODE-OD-669-850_15 Datasheet
361Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669 Datasheet
373Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com