Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD-850WHT Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-850WHT
Description  HIGH TEMPERATURE GaAlAs IR EMITTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-850WHT Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-850WHT Datasheet HTML 1Page - OptoDiode Corp OD-850WHT Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850WHT
FEATURES
• Extended operating temperature range
• No internal coatings
• No derating or heat sink required to 80°C
• Standard 2-lead TO-46 hermetic package
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified.
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-65°C to 150°C
150°C
400°C/W Typical
135°C/W Typical
THERMAL PARAMETERS
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads
2Air circulating at a rapid rate to keep case temperature at 25°C
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10μs, 200Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
200mW
100mA
300mA
5V
260°C
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
RoHS
Total Power Output, Po
Peak Emission Wavelength, λP
Spectral Bandwidth at 50%, Δλ
Half Intensity Beam Angle, θ
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Rise Time
Fall Time
IF = 100mA
IF = 20mA
IF = 20mA
IF = 20mA
IF = 100mA
IR = 10μA
IFP = 20mA
IFP = 20mA
19
5
26
850
40
80
1.6
30
20
20
2
mW
nm
nm
Deg
Volts
Volts
nsec
nsec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Revision February 26, 2013


Similar Part No. - OD-850WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-850WHT OPTODIODE-OD-850WHT Datasheet
306Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850WHT OPTODIODE-OD-850WHT Datasheet
187Kb / 4P
   High Temperature GaAlAs IR Emitters
OD-850WHT OPTODIODE-OD-850WHT_18 Datasheet
187Kb / 4P
   High Temperature GaAlAs IR Emitters
More results

Similar Description - OD-850WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-850WHT OPTODIODE-OD-850WHT_18 Datasheet
187Kb / 4P
   High Temperature GaAlAs IR Emitters
OD-110LISOLHT OPTODIODE-OD-110LISOLHT Datasheet
242Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT Datasheet
287Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880LHT OPTODIODE-OD880LHT Datasheet
261Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT_18 Datasheet
169Kb / 4P
   High-Temperature GaAlAs IR Emitters
OD880WHT OPTODIODE-OD880WHT Datasheet
285Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850LHT OPTODIODE-OD-850LHT Datasheet
286Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD850FHT OPTODIODE-OD850FHT Datasheet
287Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880LHT OPTODIODE-OD-880LHT Datasheet
391Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850LHT OPTODIODE-OD-850LHT_18 Datasheet
172Kb / 4P
   High-Temperature GaAlAs IR Emitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com