Electronic Components Datasheet Search |
|
T369C105M035AS Datasheet(PDF) 5 Page - Kemet Corporation |
|
T369C105M035AS Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 13 page MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 0.10 A T35(1)A104(3)035A(4) 0.5 3 0.12 A T35(1)A124(3)035A(4) 0.5 3 0.15 A T35(1)A154(3)035A(4) 0.5 3 0.18 A T35(1)A184(3)035A(4) 0.5 3 0.22 A T35(1)A224(3)035A(4) 0.5 3 0.27 A T35(1)A274(3)035A(4) 0.5 3 0.33 A T35(1)A334(3)035A(4) 0.5 3 0.39 A T35(1)A394(3)035A(4) 0.5 3 0.47 A T35(1)A474(3)035A(4) 0.5 3 0.56 A T35(1)A564(3)035A(4) 0.5 3 0.68 A T35(1)A684(3)035A(4) 0.5 3 0.82 A T35(1)A824(3)035A(4) 0.5 3 1.0 A T35(1)A105(3)035A(4) 0.5 3 1.2 B T35(1)B125(3)035A(4) 0.5 5 1.5 B T35(1)B155(3)035A(4) 0.5 5 1.8 C T35(1)C185(3)035A(4) 0.5 5 2.2 C T35(1)C225(3)035A(4) 0.6 5 2.7 D T35(1)D275(3)035A(4) 0.7 5 3.3 D T35(1)D335(3)035A(4) 0.9 5 3.9 E T35(1)E395(3)035A(4) 1.0 5 4.7 E T35(1)E475(3)035A(4) 1.3 5 5.6 F T35(1)F565(3)035A(4) 1.6 5 6.8 F T35(1)F685(3)035A(4) 1.9 5 8.2 G T35(1)G825(3)035A(4) 2.3 6 10.0 GT35(1)G106(3)035A(4) 2.8 6 12.0 J T35(2)J126(3)035A(4) 3.4 6 15.0 J T35(2)J156(3)035A(4) 4.2 6 18.0 K T35(2)K186(3)035A(4) 5.0 6 22.0 K T35(2)K226(3)035A(4) 6.2 6 27.0 L T35(2)L276(3)035A(4) 7.6 6 33.0 L T35(2)L336(3)035A(4) 9.2 6 39.0 M T35(2)M396(3)035A(4) 10.0 6 47.0 M T35(2)M476(3)035A(4) 10.0 6 TANTALUM DIPPED / RADIAL - POLAR T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II” KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 65 T35X RATINGS AND PART NUMBER REFERENCE (1) To complete KEMET Part Number, insert Series Designation as follows: “0” = T350, “1” = T351, “2” = T352, “3” = T353, “4” = T354, “5” = T355, “6” = T356. (2) To complete KEMET Part Number, insert only Series Designation as follows: “0” = T350, “3” = T353, “4” = T354, “6” = T356. (3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: “M” = ±20%, “K” = ±10%. (4) To complete KEMET Part Number, insert Lead Material Designation as follows: S = Sn/Pb (tin/lead) and T = 100% Tin. Note: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET's option. MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C 0.10 A T35(1)A104(3)050A(4) 0.5 3 0.12 A T35(1)A124(3)050A(4) 0.5 3 0.15 A T35(1)A154(3)050A(4) 0.5 3 0.18 A T35(1)A184(3)050A(4) 0.5 3 0.22 A T35(1)A224(3)050A(4) 0.5 3 0.27 A T35(1)A274(3)050A(4) 0.5 3 0.33 A T35(1)A334(3)050A(4) 0.5 3 0.39 B T35(1)B394(3)050A(4) 0.5 3 0.47 B T35(1)B474(3)050A(4) 0.5 3 0.56 B T35(1)B564(3)050A(4) 0.5 3 0.68 B T35(1)B684(3)050A(4) 0.5 3 0.82 B T35(1)B824(3)050A(4) 0.5 3 1.0 B T35(1)B105(3)050A(4) 0.5 3 1.2 D T35(1)D125(3)050A(4) 0.5 5 1.5 E T35(1)E155(3)050A(4) 0.6 5 1.8 E T35(1)E185(3)050A(4) 0.7 5 2.2 E T35(1)E225(3)050A(4) 0.9 5 2.7 F T35(1)F275(3)050A(4) 1.1 5 3.3 F T35(1)F335(3)050A(4) 1.3 5 3.9 G T35(1)G395(3)050A(4) 1.6 5 4.7 G T35(1)G475(3)050A(4) 1.9 5 5.6 H T35(1)H565(3)050A(4) 2.2 5 6.8 J T35(2)J685(3)050A(4) 2.7 5 8.2 J T35(2)J825(3)050A(4) 3.3 6 10.0 K T35(2)K106(3)050A(4) 4.0 6 12.0 K T35(2)K126(3)050A(4) 4.8 6 15.0 L T35(2)L156(3)050A(4) 6.0 6 18.0 L T35(2)L186(3)050A(4) 7.2 6 22.0 M T35(2)M226(3)050A(4) 8.8 6 |
Similar Part No. - T369C105M035AS |
|
Similar Description - T369C105M035AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |