Electronic Components Datasheet Search |
|
501R29N1R0KV4E Datasheet(PDF) 2 Page - Johanson Technology Inc. |
|
501R29N1R0KV4E Datasheet(HTML) 2 Page - Johanson Technology Inc. |
2 / 2 page 2 www.johansondielectrics.com MechaNical chaRacteRiSticS aVailable caPacitaNce electRical chaRacteRiSticS Dielectric Withstanding Voltage DWV = 1.5 X rated WVDC for ratings ≤ 500 WVDC, DWV = 1.2 X rated WVDC for ratings ≥ 1,000 WVDC For other specifications please see General MLCC Specifications available online. NOTE: Capacitors may require a surface coating to prevent external arcing. Solder mask should not be used beneath capacitors. For more information see JDI Tech Note “Surface Arc Season” how to oRdeR Part number written: 202R29N101KV4E taPe ModiFieR Code Tape Reel E Embossed 7” U Embossed 13” T Paper 7” R Paper 13” Tape specs. per EIA RS481 e MaRKiNg 4 = Unmarked 6 = EIA Code* 4 teRMiNatioN V = Ni barrier w/ 100% Sn Plating F = Polyterm flexible termination T = SnPb V Voltage 501 = 500 V 631 = 630 V 102 = 1000 V 202 = 2000 V 302 = 3000 V 402 = 4000 V 502 = 5000 V 602 = 6000 V 202 caPacitaNce 1st two digits are significant; third digit denotes number of zeros, R = decimal. 1R0 = 1.0 pF 101 = 100 pF 101 toleRaNce NPO: J = ± 5% K = ± 10% X7R: K = ± 10% M = ± 20% K NEXT GENERATION HigH Voltage MLCCs 250 - 6,000 VDC L W T E/B Rated Voltage NPo dielectRic X7R dielectRic Minimum Maximum Minimum old Max. New Max. S49 / 1825 500 VDC 100 pF 0.018 µF 0.01 µF 0.330 µF 1.000 µF Inches (mm) 630 VDC 100 pF 0.015 µF 0.01 µF 0.220 µF 0.270 µF L .180 ±.010 (4.57 ±.25) 1000 VDC 10 pF 0.012 µF 1000 pF 0.039 µF 0.047 µF W .250 ±.010 (6.35 ±.25) 2000 VDC 10 pF 5600 pF 100 pF 0.018 µF 0.022 µF T .140 Max. (3.56) 3000 VDC 10 pF 2200 pF 100 pF 8200 pF 0.010 µF E/B .025 ±.015 (0.64±.38) 4000 VDC 10 pF 1200 pF 100 pF 2000 pF 2700 pF 5000 VDC 10 pF 390 pF 100 pF 820 pF 1200 pF 6000 VDC 10 pF 390 pF 100 pF 820 pF 820 pF S47 / 2220 500 VDC 1000 pF 0.018 µF 0.01 µF 0.330 µF 0.680 µF Inches (mm) 630 VDC 1000 pF 0.018 µF 0.01 µF 0.270 µF 0.470 µF L .225 ±.015 (5.72 ±.38) 1000 VDC 100 pF 0.015 µF 1000 pF 0.056 µF 0.100 µF W .200 ±.015 (5.08 ±.38) 2000 VDC 100 pF 5600 pF 1000 pF 0.027 µF 0.047 µF T .150 Max. (3.81) 3000 VDC 10 pF 2700 pF 100 pF 0.010 µF 0.015 µF E/B .025 ±.015 (0.64±.38) 4000 VDC 10 pF 1500 pF 100 pF 2200 pF 3300 pF 5000 VDC 10 pF 470 pF 100 pF 1500 pF 2200 pF 6000 VDC 10 pF 470 pF 100 pF 1500 pF 1500 pF S48 / 2225 500 VDC 1000 pF 0.027 µF 0.01 µF 0.470 µF 1.000 µF Inches (mm) 630 VDC 1000 pF 0.022 µF 0.01 µF 0.330 µF 0.680 µF L .225 ±.010 (5.72 ±.25) 1000 VDC 100 pF 0.018 µF 1000 pF 0.120 µF 0.220 µF W .255 ±.015 (6.48 ±.38) 2000 VDC 100 pF 8200 pF 1000 pF 0.039 µF 0.100 µF T .160 Max. (4.06) 3000 VDC 10 pF 3300 pF 100 pF 0.015 µF 0.022 µF E/B .025 ±.015 (0.64±.38) 4000 VDC 10 pF 1800 pF 100 pF 5600 pF 0.010 µF 5000 VDC 10 pF 470 pF 100 pF 1500 pF 3300 pF 6000 VDC 10 pF 470 pF 100 pF 1500 pF 1500 pF dielectRic N = NPO/COG W = X7R caSe SiZe See Chart R29 N Johanson Dielectrics, Inc. reserves the right to make design and price changes without notice. All sales are subject to the terms and conditions printed on the back side of our sales order acknowledgment forms, including a limited warranty and remedies for non-conforming goods or defective goods. We will be pleased to provide a copy of these terms and conditions for your review. |
Similar Part No. - 501R29N1R0KV4E |
|
Similar Description - 501R29N1R0KV4E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |