Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA7602 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ATA7602
Description  10GB/s Offset Control TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7602 Datasheet(HTML) 7 Page - ANADIGICS, Inc

  ATA7602 Datasheet HTML 1Page - ANADIGICS, Inc ATA7602 Datasheet HTML 2Page - ANADIGICS, Inc ATA7602 Datasheet HTML 3Page - ANADIGICS, Inc ATA7602 Datasheet HTML 4Page - ANADIGICS, Inc ATA7602 Datasheet HTML 5Page - ANADIGICS, Inc ATA7602 Datasheet HTML 6Page - ANADIGICS, Inc ATA7602 Datasheet HTML 7Page - ANADIGICS, Inc ATA7602 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Advanced Product Information - Revision 0
03/01
ATA7602
Ordering Information
r
e
b
m
u
N
t
r
a
P
n
o
it
p
O
e
g
a
k
c
a
P
n
o
it
p
i
r
c
s
e
D
e
g
a
k
c
a
P
1
D
2
0
6
7
A
T
A1
De
i
D
0
2
4
6
8
10
1214
1618
20
freq, GHz
-60
-50
-40
-30
-20
-10
0
Figure 7: Simulated Output Return Loss


Similar Part No. - ATA7602

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7601D1 ANADIGICS-ATA7601D1 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
ATA7603D1 ANADIGICS-ATA7603D1 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results

Similar Description - ATA7602

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
logo
TriQuint Semiconductor
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
   10Gb/s Differential TIA
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
   5.0V 2.5Gb/s TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
logo
Integrated Device Techn...
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
   4 Channel 10Gb/s Receiver
logo
Pulse A Technitrol Comp...
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com