Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108S1332K000 Datasheet(PDF) 6 Page - EPCOS

Part # B78108S1332K000
Description  Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108S1332K000 Datasheet(HTML) 6 Page - EPCOS

  B78108S1332K000 Datasheet HTML 1Page - EPCOS B78108S1332K000 Datasheet HTML 2Page - EPCOS B78108S1332K000 Datasheet HTML 3Page - EPCOS B78108S1332K000 Datasheet HTML 4Page - EPCOS B78108S1332K000 Datasheet HTML 5Page - EPCOS B78108S1332K000 Datasheet HTML 6Page - EPCOS B78108S1332K000 Datasheet HTML 7Page - EPCOS B78108S1332K000 Datasheet HTML 8Page - EPCOS B78108S1332K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
BC chokes with temperature range up to +140 °C on request.
1) Closer tolerances on request.
2) Replace the * by code number »0« for axial taping or by »4« for radial taping.
3) For Ammo pack the last digit has to be a »9«. Example: B78108S1473J009
LR
H
Tolerance1)
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code 2)
(reel packing)3)
47
5%
J
45
2.52
450
1.10
7.5
B781*8S1473J000
56
40
2.52
430
1.23
7.0
B781*8S1563J000
68
40
2.52
410
1.35
6.5
B781*8S1683J000
82
35
2.52
390
1.54
6.0
B781*8S1823J000
100
70
0.796
370
1.70
5.0
B781*8S1104J000
120
70
0.796
300
2.40
4.5
B781*8S1124J000
150
70
0.796
280
2.80
4.2
B781*8S1154J000
180
70
0.796
270
3.00
3.9
B781*8S1184J000
220
70
0.796
250
3.30
3.7
B781*8S1224J000
270
70
0.796
200
5.70
2.8
B781*8S1274J000
330
70
0.796
190
6.40
2.7
B781*8S1334J000
390
70
0.796
180
7.00
2.4
B781*8S1394J000
470
70
0.796
170
7.90
2.2
B781*8S1474J000
560
60
0.796
160
8.80
2.0
B781*8S1564J000
680
55
0.796
150
10.0
1.9
B781*8S1684J000
820
50
0.796
140
12.0
1.6
B781*8S1824J000
1000
50
0.252
130
14.0
1.6
B781*8S1105J000
1200
50
0.252
115
17.5
1.3
B781*8S1125J000
1500
50
0.252
100
23.0
1.25
B781*8S1155J000
1800
50
0.252
95
26.0
1.2
B781*8S1185J000
2200
40
0.252
80
34.7
1.1
B781*8S1225J000
2700
40
0.252
75
40.0
1.0
B781*8S1275J000
3300
40
0.252
62
59.5
0.9
B781*8S1335J000
3900
40
0.252
59
66.0
0.8
B781*8S1395J000
4700
35
0.252
55
78.0
0.7
B781*8S1475J000
^
B78108S, B78148S
RF chokes
BC series, 4 x 9.2 (mm)


Similar Part No. - B78108S1332K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108S1332K000 EPCOS-B78108S1332K000 Datasheet
223Kb / 10P
   Chokes and inductors
B78108S1332K000 EPCOS-B78108S1332K000 Datasheet
187Kb / 9P
   Inductors
logo
TDK Electronics
B78108S1332K000 TDK-B78108S1332K000 Datasheet
615Kb / 9P
   RF chokes, BC series
More results

Similar Description - B78108S1332K000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com