Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442A1153K000 Datasheet(PDF) 6 Page - EPCOS

Part # B82442A1153K000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442A1153K000 Datasheet(HTML) 6 Page - EPCOS

  B82442A1153K000 Datasheet HTML 1Page - EPCOS B82442A1153K000 Datasheet HTML 2Page - EPCOS B82442A1153K000 Datasheet HTML 3Page - EPCOS B82442A1153K000 Datasheet HTML 4Page - EPCOS B82442A1153K000 Datasheet HTML 5Page - EPCOS B82442A1153K000 Datasheet HTML 6Page - EPCOS B82442A1153K000 Datasheet HTML 7Page - EPCOS B82442A1153K000 Datasheet HTML 8Page - EPCOS B82442A1153K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
03/08
Please read Cautions and warnings and
Important notes
at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
μH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
220
±5% J
±10% K
20
0.796
170
2.72
3.9
B82442A1224+000
270
20
0.796
155
3.36
3.6
B82442A1274+000
330
20
0.796
140
3.92
3.2
B82442A1334+000
390
20
0.796
130
4.64
2.9
B82442A1394+000
470
20
0.796
120
5.60
2.6
B82442A1474+000
560
20
0.796
110
6.80
2.4
B82442A1564+000
680
20
0.796
100
8.00
2.2
B82442A1684+000
820
20
0.796
90
10.4
2.0
B82442A1824+000
1000
30
0.252
85
12.0
1.8
B82442A1105+000
1200
30
0.252
75
13.6
1.5
B82442A1125+000
1500
30
0.252
70
16.0
1.4
B82442A1155+000
1800
30
0.252
60
24.0
1.3
B82442A1185+000
2200
30
0.252
55
28.0
1.2
B82442A1225+000
2700
30
0.252
45
44.0
1.1
B82442A1275+000
3300
30
0.252
40
48.0
1.0
B82442A1335+000
3900
30
0.252
38
56.0
1.0
B82442A1395+000
4700
30
0.252
36
62.4
0.9
B82442A1475+000
5600
30
0.252
33
68.0
0.8
B82442A1565+000
6800
30
0.252
30
88.0
0.7
B82442A1685+000
8200
30
0.252
28
100
0.6
B82442A1825+000
10000
30
0.0796
25
120
0.5
B82442A1106+000
For telecommunications in blocking filter for 12- and 16-kHz counting pulses
980
±3% A
8
0.016
85
15
1.8
B82442A1984A000
1450
8
0.016
70
20
1.4
B82442A1145A500
2600
6
0.012
45
43
1.1
B82442A1265A000
3050
8
0.016
45
45
0.9
B82442A1305A500
5330
6
0.012
34
66
0.8
B82442A1535A300
^
^
^
B82442A
SMT inductors, SIMID series
SIMID 2220-A


Similar Part No. - B82442A1153K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1153K000 EPCOS-B82442A1153K000 Datasheet
180Kb / 9P
   SMT inductors
B82442A1153K000 EPCOS-B82442A1153K000 Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1153K000 EPCOS-B82442A1153K000 Datasheet
485Kb / 9P
   SMT inductors
B82442A1153K000 EPCOS-B82442A1153K000 Datasheet
113Kb / 9P
   Upright ferrite drum core
More results

Similar Description - B82442A1153K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com