Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T356C105K035AS Datasheet(PDF) 3 Page - Kemet Corporation

Part # T356C105K035AS
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T356C105K035AS Datasheet(HTML) 3 Page - Kemet Corporation

  T356C105K035AS Datasheet HTML 1Page - Kemet Corporation T356C105K035AS Datasheet HTML 2Page - Kemet Corporation T356C105K035AS Datasheet HTML 3Page - Kemet Corporation T356C105K035AS Datasheet HTML 4Page - Kemet Corporation T356C105K035AS Datasheet HTML 5Page - Kemet Corporation T356C105K035AS Datasheet HTML 6Page - Kemet Corporation T356C105K035AS Datasheet HTML 7Page - Kemet Corporation T356C105K035AS Datasheet HTML 8Page - Kemet Corporation T356C105K035AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
3 VOLT RATING AT 85°C —
2 VOLT RATING AT 125°C
4.7
A
T35(1)A475(3)003A(4)
0.5
5
5.6
A
T35(1)A565(3)003A(4)
0.5
5
6.8
A
T35(1)A685(3)003A(4)
0.5
5
8.2
A
T35(1)A825(3)003A(4)
0.5
6
10.0
A
T35(1)A106(3)003A(4)
0.5
6
12.0
B
T35(1)B126(3)003A(4)
0.5
6
15.0
B
T35(1)B156(3)003A(4)
0.5
6
18.0
C
T35(1)C186(3)003A(4)
0.5
6
22.0
C
T35(1)C226(3)003A(4)
0.5
6
27.0
D
T35(1)D276(3)003A(4)
0.6
6
33.0
D
T35(1)D336(3)003A(4)
0.8
6
39.0
E
T35(1)E396(3)003A(4)
0.9
6
47.0
E
T35(1)E476(3)003A(4)
1.1
6
56.0
F
T35(1)F566(3)003A(4)
1.3
6
68.0
F
T35(1)F686(3)003A(4)
1.6
6
82.0
G
T35(1)G826(3)003A(4)
2.0
8
100.0
G
T35(1)G107(3)003A(4)
2.4
8
120.0
H
T35(1)H127(3)003A(4)
2.9
8
150.0
H
T35(1)H157(3)003A(4)
3.6
8
180.0
J
T35(2)J187(3)003A(4)
4.3
8
220.0
J
T35(2)J227(3)003A(4)
5.3
8
270.0
K
T35(2)K277(3)003A(4)
6.5
8
330.0
K
T35(2)K337(3)003A(4)
7.9
8
390.0
L
T35(2)L397(3)003A(4)
9.4
9
470.0
L
T35(2)L477(3)003A(4) 10.0
9
560.0
M
T35(2)M567(3)003A(4) 10.0
9
680.0
M
T35(2)M687(3)003A(4) 10.0
9
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II”
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
63
T35X
RATINGS AND PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Series Designation as follows: “0” = T350, “1” = T351, “2” = T352, “3” = T353, “4” = T354, “5” = T355, “6” = T356.
(2) To complete KEMET Part Number, insert only Series Designation as follows: “0” = T350, “3” = T353, “4” = T354, “6” = T356.
(3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: “M” = ±20%, “K” = ±10%.
(4) To complete KEMET Part Number, insert Lead Material designation : S = SnPb (tin/lead) and T = 100% Sn (tin).
NOTE: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’s option.
T35X & T36X
ORDERING INFORMATION
T
3XX
A
105
M
035
A
S*
TANTALUM
SERIES
Insert appropriate number to
replace letter “X” — 350, 351, 352,
353, 354, 355, 356, 363, 368, or 369.
CASE SIZE
A, B, C, D, E, F, G, H, J, K, L & M
PICOFARAD CODE
First two digits are significant
figures. Third figure is the
number of zeros following.
LEAD MATERIAL
S — Sn/Pb (tin/lead)
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
For 6.3 Volts use 006
CAPACITANCE TOLERANCE
M — ±20%
K — ±10%
J — ±5% Available on special order.
* T363 & T369 capacitors
available only with M & K tolerances
T35X & T368
MARKING INFORMATION
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6.3 VOLT RATING AT 85°C —
4 VOLT RATING AT 125°C
3.3
A
T35(1)A335(3)006A(4)
0.5
5
3.9
A
T35(1)A395(3)006A(4)
0.5
5
4.7
A
T35(1)A475(3)006A(4)
0.5
5
5.6
A
T35(1)A565(3)006A(4)
0.5
5
6.8
A
T35(1)A685(3)006A(4)
0.5
5
8.2
B
T35(1)B825(3)006A(4)
0.5
6
10.0
B
T35(1)B106(3)006A(4)
0.5
6
12.0
C
T35(1)C126(3)006A(4)
0.6
6
15.0
C
T35(1)C156(3)006A(4)
0.7
6
18.0
D
T35(1)D186(3)006A(4)
0.9
6
22.0
D
T35(1)D226(3)006A(4)
1.1
6
27.0
E
T35(1)E276(3)006A(4)
1.3
6
33.0
E
T35(1)E336(3)006A(4)
1.6
6
39.0
F
T35(1)F396(3)006A(4)
1.9
6
47.0
F
T35(1)F476(3)006A(4)
2.3
6
56.0
G
T35(1)G566(3)006A(4)
2.7
6
68.0
G
T35(1)G686(3)006A(4)
3.3
6
82.0
H
T35(1)H826(3)006A(4)
3.9
8
100.0
H
T35(1)H107(3)006A(4)
4.8
8
120.0
J
T35(2)J127(3)006A(4)
5.8
8
150.0
J
T35(2)J157(3)006A(4)
7.2
8
180.0
K
T35(2)K187(3)006A(4)
8.6
8
220.0
K
T35(2)K227(3)006A(4) 10.0
8
270.0
L
T35(2)L277(3)006A(4) 10.0
8
330.0
L
T35(2)L337(3)006A(4) 10.0
8
Polarity
Date
Code
Capacitance
(pF code)
KEMET
Trademark
Polarity
Stripe (+)
+
Voltage
Rating
*Part Number Example: T350A105M035AS (14 digits – no spaces)
T – 100% Sn (tin)


Similar Part No. - T356C105K035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T356C105K035AS KEMET-T356C105K035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T356C105K035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com