Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT1921S11 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT1921S11
Description  Integrated High Power Amp 1610 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT1921S11 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT1921S11 Datasheet HTML 1Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 2Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 3Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 4Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 5Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 6Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 7Page - ANADIGICS, Inc AWT1921S11 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AWT1921S11
Integrated High Power Amp 1610 MHz
Advanced Product information
Rev 4
DESCRIPTION
The AWT1921 is a four stage monolithic amplifier for
use in communication systems that require high gain
and output intercept point. The device has been
specifically designed for fixed satellite access
equipment and handset booster amplifier applications.
DESCRIPTION
• High Output Intercept Point
• High Linearity
• True Surface Mount Package
• Internal Bias Circuit Requiring Nominal Input
Voltages + 10%
• Low Cost
• Off Chip Output Matching Circuit AllowsApplication
Optimization
ABSOLUTE MAXIMUM RATINGS
PIN
SIGNAL
MAX RATING
PIN
SIGNAL
MAX RATING
2
VDD
+7VDC
11
VREF
+7 VDC
3
RFIN
+20 dBm
12
VSS
-7 VDC
4,5
VD1
+10 VDC
18,19,20,21,22,23,24,25
VD3
+10 VDC
Operating Temperature: - 30 to + 85o C
Storage Temperature: - 55 to +100o C
S11
SSOP-28
28 Pin Wide Body w/ Heat Slug
A


Similar Part No. - AWT1921S11

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
457Kb / 12P
   Integrated High Power Amp 1610 MHz
More results

Similar Description - AWT1921S11

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT1921 ANADIGICS-AWT1921 Datasheet
457Kb / 12P
   Integrated High Power Amp 1610 MHz
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
   Integrated High Power Amp 900 MHz
AWT921 ANADIGICS-AWT921 Datasheet
613Kb / 12P
   900MHz Integrated Power Amp
logo
Motorola, Inc
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 1.5W
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com