Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532X7T1V103M Datasheet(PDF) 3 Page - TDK Electronics

Part # C4532X7T1V103M
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532X7T1V103M Datasheet(HTML) 3 Page - TDK Electronics

  C4532X7T1V103M Datasheet HTML 1Page - TDK Electronics C4532X7T1V103M Datasheet HTML 2Page - TDK Electronics C4532X7T1V103M Datasheet HTML 3Page - TDK Electronics C4532X7T1V103M Datasheet HTML 4Page - TDK Electronics C4532X7T1V103M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
001-01 / 20110822 / e4120resin_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
For Automobile(Resin Terminations)
C Series
FEATURES
• A flexible conductive resin has been adopted for external
terminations through TDK's original technology.
This reduces mechanical stress and improves thermal shock
resistance.
In addition, the series features a high resistance to substrate
bending.
• The product types listed in the brochure are just examples.
We have available products that range from a small 1005 size to
a large 5750 type.
If you are interested in a product that is not in the brochure,
please contact us.
APPLICATION EXAMPLES
• Products that experience severe temperature changes, which
require that consideration be given to measures against thermal
shock.
• Applications which require that consideration be given to
measures against flexural stress or shock applied to the
substrate.
CONDUCTIVE RESIN TERMINATION STRUCTURE
SHAPES AND DIMENSIONS
DIMENSIONS
The dimensions of each product are described within the product
name.
Dimensions L
×W
The 4-digit number in the product name corresponds to the
dimensions of L
×W.
Refer to the table below for specific values.
Dimensions in mm
• Dimension tolerances are typical values.
Product's Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
Conformity to RoHS Directive
Cu layer
Ni layer
Sn layer
Conductive resin layer
Dimension code
L
W
B
2012
2.0±0.2
1.25±0.2
0.2min.
3216
3.2±0.2
1.6±0.2
0.2min.
3225
3.2±0.4
2.5±0.3
0.2min.
4532
3.2±0.4
3.2±0.4
0.2min.
5750
3.2±0.4
5.0±0.4
0.2min.
B
L


Similar Part No. - C4532X7T1V103M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7T2E105K TDK-C4532X7T2E105K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
C4532X7T2E105K250KA TDK-C4532X7T2E105K250KA Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C4532X7T2E105K250KA TDK-C4532X7T2E105K250KA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
C4532X7T2E105K250KE TDK-C4532X7T2E105K250KE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C4532X7T2E105M250KA TDK-C4532X7T2E105M250KA Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - C4532X7T1V103M

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com