Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V34TS25GGI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IDT70V34TS25GGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V34TS25GGI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IDT70V34TS25GGI Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V34TS25GGI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
6.42
IDT70V35/34S/L
(IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V35/34 (IDT70V25/24) is a high-speed 8/4K x 18 (8/4K
x16) Dual-Port Static RAM. The IDT70V35/34 (IDT70V25/24) is de-
signed to be used as a stand-alone Dual-Port RAM or as a combination
MASTER/SLAVE Dual-Port RAM for 36-bit (32-bit) or wider memory
system applications results in full-speed, error-free operation without the
need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by
CEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 430mW (IDT70V35/34) and 400mW
(IDT70V25/24) of power.
The IDT70V35/34 (IDT70V25/24) is packaged in a plastic 100-pin
Thin Quad Flatpack. The IDT70V25/24 is packaged in a ceramic 84-pin
PGA and 84-Pin PLCC.
Pin Configurations(1,2,3,4)
NOTES:
1.
A12 is a NC for IDT70V34.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. PN100-1 package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 9796 959493 9291 90 89 8887 8685 84 83 828180 79 78 77 76
IDT70V35/34PF
PN100-1(5)
100-Pin TQFP
Top View(6)
N/C
N/C
I/O8L
I/O17L
I/O11L
I/O12L
I/O13L
I/O14L
Vss
I/O15L
I/O16L
VDD
Vss
I/O0R
I/O1R
I/O2R
I/O3R
VDD
I/O4R
I/O5R
I/O6R
I/O8R
I/O17R
N/C
N/C
5624 drw 02
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
Vss
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
,
06/24/04


Similar Part No. - IDT70V34TS25GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V34S IDT-IDT70V34S Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V34SL IDT-IDT70V34SL Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V34TS25GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com