Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ8BSGR22X Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ERJ8BSGR22X
Description  Thick Film Chip Resistors / Low Resistance Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ERJ8BSGR22X Datasheet(HTML) 1 Page - Panasonic Battery Group

  ERJ8BSGR22X Datasheet HTML 1Page - Panasonic Battery Group ERJ8BSGR22X Datasheet HTML 2Page - Panasonic Battery Group ERJ8BSGR22X Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
– 17 –
E
1
R
2
J
3
8
4
R
5
6
Q
7
F
8
R
9
2
10
2
11
V
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
0.125 W(0.166 W)
0.1 W
0.2 W(0.25 W)
0.125 W
0.25 W(0.33 W)
0.25 W
0.33 W(0.5 W)
0.25 W
0.5 W
0.5 W
0.5 W
1W
Power R.
Resistance Value
Code
S
Q
0.1
to 0.2
0.22
to 9.1
Resistance Tolerance
Code
F
G
J
Tolerance
± 1%
± 2%
± 5%
Shown by 3 digits or letters.
(Ex.) R22 : 0.22
Resistance Value
Packaging Methods
Code
Packaging
Type
Punched Carrier Taping
4mm pitch, 5,000 pcs.
Embossed Carrier Taping
4mm pitch, 5,000 pcs.
2B : 0402
3R : 0603
3B : 0603
6R : 0805
6B : 0805
8R : 1206
8B : 1206
14R : 1210
14B : 1210
12R : 1812
12Z : 2010
1TR : 2512
Res. Value
V
X
U
Punched Carrier Taping
2mm pitch, 10,000 pcs.
Embossed Carrier Taping
4mm pitch, 4,000 pcs.
ERJ2B
ERJ3R/3B
ERJ6R/6B
ERJ8R/8B
ERJ14R/14B
ERJ12R
ERJ12Z
ERJ1TR
2B : 0.22
to 1.0
E
1
R
2
J
3
2
4
B
5
6
W
7
G
8
R
9
0
10
4
11
7
12
X
Thick Film
Chip Resistors
Product Code
Resistance Tolerance
Code
F
G
J
Tolerance
± 1%
± 2%
± 5%
Shown by 4 digits or letters.
(Ex.) R047 : 0.047
=47 m
Resistance Value
Packaging Methods
Code
Packaging
Type
X
Pressed Carrier Taping
2mmpitch, 10,000 pcs.
ERJ2BW
ERJ3BW
ERJ6BW
ERJ8BW
V
Punched Carrier Taping
4mmpitch, 5,000 pcs.
Code
2BW
3BW
6BW
8BW
Size:inch
0402
0603
0805
1206
0.125 W
(0.25W)
0.25 W
0.33 W
0.5 W
(1W)
Power Rating Resistance Value
47 m
to 100 m
20 m
to 100 m
10 m
to 100 m
10 m
to 100 m
Thick Film Chip Resistors / Low Resistance Type
ERJ R, B : 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ BW : 0402, 0603, 0805, 1206
ERJ L
: 0603, 0805, 1206, 1210, 1812, 2010, 2512
Type:
ERJ 2B, 3B, 6B, 8B, 14B, 3R,
6R, 8R, 14R, 12R, 12Z, 1TR
ERJ 2BW, 3BW, 6BW, 8BW
ERJ L03, L06, L08, L14, L12,
L1D, L1W
Features
● Small size and lightweight
● High reliability : Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Improved high-power/resistance to pulse characteristics
by double-sided resistive elements structure : ERJ2BW, 3BW, 6BW, 8BW Type
● Low Resistance Value
ERJ2BS, 2BQ : 0.1
to 1.0
ERJ3BS/Q, 6BS/Q, 8BS/Q, 14BS/Q, 3R, 6R, 8R, 14R, 12R, 12Z, 1TR : 0.1
to 9.1
ERJ2BW : 47 m
to 100 m , ERJ3BW : 20 m
to 100 m , ERJ6BW, 8BW : 10 m
to 100 m
ERJL03, L06, L08 : 47 m
to 100 m , ERJL14, L12 : 20 m
to 100 m , ERJL1D, L1W : 40 m
to 100 m
● Reference Standards : IEC 60115-8, JIS C 5201-8, JEITA RC-2144
Explanation of Part Numbers
● ERJ2BS/2BQ, 3BS/3BQ, 6BS/6BQ, 8BS/8BQ, 14BS/14BQ, 3R, 6R, 8R, 14R, 12R, 12Z, 1TR Series High power type/Standard type
● ERJ2BW, 3BW, 6BW, 8BW Series <High power (double-sided resistive elements structure) type>
■Packaging Methods
Please see Pages 40 to 43
■Recommended Soldering Conditions Please see Page 46
■Recommended Land Pattern
Please see Pages 44 to 45
■Safety Precautions
Please see Page 47
Sep. 2010
00
● RoHS compliant


Similar Part No. - ERJ8BSGR22X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ8BSGR22X PANASONIC-ERJ8BSGR22X Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8BSGR22X PANASONIC-ERJ8BSGR22X Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8BSGR22X PANASONIC-ERJ8BSGR22X Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8BSGR22X PANASONIC-ERJ8BSGR22X Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8BSGR22X PANASONIC-ERJ8BSGR22X Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ8BSGR22X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com