Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012X7R2E103M Datasheet(PDF) 4 Page - TDK Electronics

Part # C2012X7R2E103M
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7R2E103M Datasheet(HTML) 4 Page - TDK Electronics

  C2012X7R2E103M Datasheet HTML 1Page - TDK Electronics C2012X7R2E103M Datasheet HTML 2Page - TDK Electronics C2012X7R2E103M Datasheet HTML 3Page - TDK Electronics C2012X7R2E103M Datasheet HTML 4Page - TDK Electronics C2012X7R2E103M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(3/4)
001-01 / 20110822 / e4120resin_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Dimensions T
Expressed in three-digit numbers using mm units.
The second and third digits denote the first and second decimal
places, respectively.
(8) Packaging style
(9) TDK internal code
C
2012 X7R 2E 103 M ( 125 A
E )
(1)
(2)
(3)
(4)
(5) (6)
(7) (8) (9)
2012
2.0
×1.25mm
3216
3.2
×1.6mm
3225
3.2
×2.5mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
X7S
±22%
–55 to +125°C
X7T
+22, –33%
–55 to +125°C
1C
16V
1E
25V
1V
35V
1H
50V
2A
100V
2E
250V
2W
450V
2J
630V
333
33,000pF
474
470,000pF
225
2,200,000pF (2.2µF)
Symbol
Tolerance
M±20%
085
0.85mm
125
1.25mm
A
ø178mm reel with 4mm-pitch
B
ø178mm reel with 2mm-pitch
C
ø178mm reel with 1mm-pitch
D
ø330mm reel with 4mm-pitch
E
ø330mm reel with 2mm-pitch
F
ø330mm reel with 1mm-pitch
H
Bulk(bag)
J
ø330mm reel with 8mm-pitch
K
ø178mm reel with 8mm-pitch
In brochures issued in August, 2011 and later, the product thickness and packing specifications are described at the end of the ordering name [the
product name described in brochures] in parentheses.
Since the existing ordering name could not clearly express the product thickness and packing specifications, it has been changed to a new product
description method that solves this inconvenience.
Please be aware that the last five digits of the ordering name on the delivery label and those in the brochure differ.
No changes have been made to the delivery name.
(Example)
Brochure issued date
Ordering name (description in the brochure)
Delivery name (description on the delivery label)
Prior to July, 2011
C1608X5R1C105K
C1608X5R1C105KT000N
August, 2011 or later
C1608X5R1C105K(080AA)
C1608X5R1C105KT000N


Similar Part No. - C2012X7R2E103M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2E103M TDK-C2012X7R2E103M Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012X7R2E103M125AA TDK-C2012X7R2E103M125AA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C2012X7R2E103M125AA TDK-C2012X7R2E103M125AA_17 Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R2E103M125AE TDK-C2012X7R2E103M125AE Datasheet
1Mb / 12P
   MULTILAYER CERAMIC CHIP CAPACITORS
C2012X7R2E103M125AE TDK-C2012X7R2E103M125AE Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R2E103M

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com