Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V35TL35GGI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IDT70V35TL35GGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V35TL35GGI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IDT70V35TL35GGI Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V35TL35GGI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
6.42
3
IDT70V35/34S/L (IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configurations(1,2,3,4)(con't)
NOTES:
1.
A12 is a NC for IDT70V24.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. PN100-1 package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT70V25/24PF
PN100-1(4)
100-Pin TQFP
Top View(5)
N/C
N/C
N/C
N/C
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
N/C
N/C
N/C
N/C
5624 drw 03
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
VSS
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
06/24/04
VSS
VSS
VDD
VDD


Similar Part No. - IDT70V35TL35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35TSGGI IDT-IDT70V35TSGGI Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V35TL35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com