Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V24TL35GGI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IDT70V24TL35GGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V24TL35GGI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IDT70V24TL35GGI Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT70V24TL35GGI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.42
IDT70V35/34S/L
(IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
1.
A12 is a NC for IDT70V34 and for IDT70V24.
2. I/O0x - I/O15x for IDT70V25/24.
3. Upper Byte Select controls pins 9-17 for IDT70V35/34 and controls pins 8-15
for IDT70V25/24.
4. Lower Byte Select controls pins 0-8 for IDT70V35/34 and controls pins 0-7
for IDT70V25/24.
NOTES:
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L(1)
A0R - A12R(1)
Address
I/O0L - I/O17L(2)
I/O0R - I/O17R(2)
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select(3)
LBL
LBR
Lower Byte Select
(4)
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VDD
Power (3.3V)
VSS
Ground (0V)
5624 tbl 01
Pin Names
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all of the I/O's (I/O0-I/O17 for IDT70V35/34) and (I/O0-I/O15 for IDT70V25/24). These eight semaphores
are addressed by A0-A2.
Truth Table I: Non-Contention Read/Write Control
NOTES:
1. A0L-A12L
≠ A0R-A12R for IDT70V35/34 and A0L-A11L ≠ A0R-A11R for IDT70V25/24.
2. Outputs for IDT70V25/24 are I/O0x-I/O7x.
3. Outputs for IDT70V25/24 are I/O8x-I/O15x.
Inputs
(1)
Outputs
Mode
CE
R/
W
OE
UB
LB
SEM
I/O9-17
(3)
I/O0-8
(2)
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
LLH
H
DATAOUT
High-Z
Read Upper Byte Only
L
H
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
LH
LL
L
H
DATAOUT
DATAOUT
Read Both Bytes
XXH
XX
X
High-Z
High-Z
Outputs Disabled
5624 tbl 02
Inputs
Outputs
Mode
CE
R/
W
OE
UB
LB
SEM
I/O9-17
(1)
I/O0-8
(1)
HH
L
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
X
H
L
HHL
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
XXX
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
X
HHL
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
XL
____
____
Not Allowed
LX
X
X
L
L
____
____
Not Allowed
5624 tbl 03


Similar Part No. - IDT70V24TL35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L IDT-IDT70V24L Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L IDT-IDT70V24L Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L IDT-IDT70V24L Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V24L15G IDT-IDT70V24L15G Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V24TL35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com