Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0805562RJKTB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CRCW0805562RJKTB
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805562RJKTB Datasheet(HTML) 6 Page - Vishay Siliconix

  CRCW0805562RJKTB Datasheet HTML 1Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 2Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 3Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 4Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 5Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 6Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 7Page - Vishay Siliconix CRCW0805562RJKTB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 20008
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 18-Nov-10
123
D/CRCW
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Vishay
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60082-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE (
ΔR)
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
Stability for product types:
1
Ω to 10 MΩ
1
Ω to 10 MΩ
D/CRCW
4.5
-
Resistance
-
± 1 %
± 5 %
4.7
-
Voltage proof
U = 1.4 · Uins; 60 s
No flashover or breakdown
4.13
-
Short time overload
U = 2.5 x
≤ 2 x Umax.;
duration: Acc. to style
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
4.17.2
58 (Td)
Solderability
Solder bath method; Sn60Pb40;
non-activated flux;
(235 ± 5) °C, (2 ± 0.2) s
Good tinning (
≥ 95 %
covered);
no visible damage
4.8.4.2
-
Temperature coefficient
(20/- 55/20) °C and
(20/125/20) °C
± 100 ppm/K
± 200 ppm/K
4.32
21 (Uu3)
Shear (adhesion)
RR 1608 and smaller: 9 N
RR 2012 and larger: 45 N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm; 3 times
No visible damage,
no open circuit in bent position
± (0.25 %
R + 0.05
Ω)
4.19
14 (Na)
Rapid change of temperature
30 min. at - 55 °C;
30 min. at 125°C
5 cycles
1000 cycles
± (0.25 %
R + 0.05
Ω)
± (1 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
± (1 %
R + 0.05
Ω)
4.23
-
Climatic sequence:
-
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
4.23.2
2 (Ba)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C;
≥ 90 % RH;
24 h; 1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air pressure
1 kPa; (25 ± 10) °C; 1 h
4.23.6
30 (Db)
Damp heat, cyclic
55 °C;
≥ 90 % RH;
24 h; 5 cycles
4.23.7
-
DC load
U =
4.25.1
-
Endurance at 70 °C
U =
√(P70 x R) ≤ Umax.
1.5 h on; 0.5 h off;
70 °C; 1000 h
70 °C; 8000 h
± (1 %
R + 0.05
Ω)
± (2 %
R + 0.1
Ω)
± (2 %
R + 0.1
Ω)
± (4 %
R + 0.1
Ω)
4.18.2
58 (Td)
Resistance to soldering heat
Solder bath method
(260 ± 5) °C; (10 ± 1) s
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
4.35
-
Flamability, needle flame test
IEC 60695-11-5;
10 s
No burning after 30 s
4.24
78 (Cab)
Damp heat, steady state
(40 ± 2) °C;
(93 ± 3) % RH; 56 days
± (1 %
R + 0.05
Ω)
4.25.3
-
Endurance at upper
category temperature
155 °C; 1000 h
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
4.40
-
Electrostatic discharge
(human body model)
IEC 61340-3-1;
3 pos. + 3 neg. discharges;
ESD test voltage acc. to size
± (1 %
R + 0.05
Ω)
4.29
45 (XA)
Component solvent resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
4.30
45 (XA)
Solvent resistance of marking
Isopropyl alcohol;
50 °C; method 1, toothbrush
Marking legible,
no visible damage
P
70 x R
P
70 x R


Similar Part No. - CRCW0805562RJKTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RJKTB VISHAY-CRCW0805562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RJKTB VISHAY-CRCW0805562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RJKTB VISHAY-CRCW0805562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RJKTB VISHAY-CRCW0805562RJKTB Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RJKTB VISHAY-CRCW0805562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW0805562RJKTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com