Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3110IGU-33-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3110IGU-33-T1
Description  MicroPower??Regulated Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3110IGU-33-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3110IGU-33-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3110IGU-33-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AAT3110
MicroPower™ Regulated Charge Pump
3110.2001.9.0.92
11
Functional Description
Operation (Refer to block diagram)
The AAT3110 uses a switched capacitor charge
pump to boost an input voltage to a regulated output
voltage. Regulation is achieved by sensing the
charge pump output voltage through an internal
resistor divider network. A switched doubling circuit
is enabled when the divided output drops below a
preset trip point controlled by an internal comparator.
The charge pump switch cycling enables four inter-
nal switches at two non-overlapping phases. During
the first phase, switches S1 and S4 are switched on
(short) and switches S2 and S3 are off (open). The
flying capacitor CFLY is charged to a level approxi-
mately equal to input voltage VIN. On the second
phase, switches S1 and S4 are turned off (open), S2
and S3 are turned on (short). The low side of the fly-
ing capacitor CFLY is connected to GND during the
first phase.
During the second phase, the flying
capacitor CFLY is switched so that the low side is
connected to VIN. The voltage at the high side of the
flying capacitor CFLY is bootstrapped to 2×VIN and
connected to output through a switch. For each
cycle phase, charge from input node VIN is trans-
ported from a lower voltage to a higher voltage. This
cycle repeats itself until the output node voltage is
high enough to exceed the preset input threshold of
the control comparator. When the output voltage
exceeds the internal trip point level, the switching
cycle stops and the charge pump circuit is tem-
porarily placed in an idle state.
When idle, the
AAT3110 has a quiescent current of 13µA or less.
The closed loop feed back system containing the
voltage sense circuit and control comparator allows
the AAT3110 to provide a regulated output voltage to
the limits of the input voltage and output load cur-
rent. The switching signal, which drives the charge
pump is created by an integrated oscillator within the
control circuit block. The free running charge pump
switching frequency is approximately 750kHz. The
switching frequency under an active load is a func-
tion of VIN, VOUT, COUT and IOUT.
For each phase of the switching cycle, the charge
transported from VIN to VOUT can be approximated
by the following formula:
VPHASE ≈ CFLY×(2×VIN-VOUT)
The relative average current that the charge pump
can supply to the output may be approximated by
the following expression:
IOUT(AVG) α CFLY×(2×VIN-VOUT)×FSW
The AAT3110 has complete output short circuit and
thermal protection to safeguard the device under
extreme operating conditions. An internal thermal
protection circuit senses die temperature and will
shut down the device if the internal junction temper-
ature exceeds approximately 145°C. The charge
pump will remain disabled until the fault condition is
relieved.
Functional Block Diagram
+
-
V
REF
CONTROL
SHDN
VIN
C-
C+
VOUT
GND
S1
S3
S2
S4


Similar Part No. - AAT3110IGU-33-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3110IGU-4.5-T1 AAT-AAT3110IGU-4.5-T1 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
AAT3110IGU-5.0-T1 AAT-AAT3110IGU-5.0-T1 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
More results

Similar Description - AAT3110IGU-33-T1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com