Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V35TS55JGI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IDT70V35TS55JGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V35TS55JGI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IDT70V35TS55JGI Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V35TS55JGI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
©2008 Integrated Device Technology, Inc.
OCTOBER 2008
DSC-5624/7
1
Functional Block Diagram
IDT70V35/34S/L
IDT70V25/24S/L
HIGH-SPEED 3.3V
8/4K x 18 DUAL-PORT
8/4K x 16 DUAL-PORT
STATIC RAM
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
IDT70V35/34 (IDT70V25/24) easily expands data bus width
to 36 bits (32 bits) or more using the Master/Slave select
when cascading more than one device
M/
S = VIH for BUSY output flag on Master
M/
S = VIL for BUSY input on Slave
BUSY and Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
LVTTL-compatible, single 3.3V (±0.3V) power supply
Available in a 100-pin TQFP (IDT70V35/24) & (IDT70V25/24),
86-pin PGA (IDT70V25/24) and 84-pin PLCC (IDT70V25/24)
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
NOTES:
1.
A12 is a NC for IDT70V34 and for IDT70V24.
2. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
3.
BUSY outputs and INT outputs are non-tri-stated push-pull.
4. I/O0x - I/O7x for IDT70V25/24.
5. I/O8x - I/O15x for IDT70V25/24.
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
IDT70V35/34
– Commercial: 15/20/25ns (max.)
– Industrial: 20ns
IDT70V25/24
– Commercial: 15/20/25/35/55ns (max.)
– Industrial: 20/25ns
Low-power operation
– IDT70V35/34S
– IDT70V35/34L
Active: 430mW (typ.)
Active: 415mW (typ.)
Standby: 3.3mW (typ.)
Standby: 660
µW (typ.)
– IDT70V25/24S
IDT70V25/24L
Active: 400mW (typ.)
Active: 380mW (typ.)
Standby: 3.3mW (typ.)
Standby: 660
µW (typ.)
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
BUSYL
A12L(1)
A0L
5624 drw 01
UBL
LBL
CEL
OEL
I/O9L-I/O17L(5)
I/O0L-I/O8L(4)
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/
WR
BUSYR
UBR
LBR
CER
OER
I/O9R-I/O17R(5)
I/O0R-I/O8R(4)
A12R(1)
A0R
R/
WR
SEMR
INTR
CER
OER
(3)
(2,3)
(2,3)
(3)
13
13
,


Similar Part No. - IDT70V35TS55JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35TSGGI IDT-IDT70V35TSGGI Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V35TS55JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com