Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3111-33 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3111-33
Description  MicroPower??Regulated Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3111-33 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3111-33 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3111-33 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AAT3111
MicroPower™ Regulated Charge Pump
3111.2002.3.0.91
5
Typical Characteristics — AAT3111-3.3
(Unless otherwise noted, VIN = 3V, CIN = COUT =10µF, CFLY = 1µF, TA = 25°C)
VSHDN Threshold vs. Supply Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
Supply Voltage (V)
VIH
VIL
Startup
Time (100
µs/div.)
SHDN (2V/div)
VOUT (1V/div)
ILOAD=100mA
VIN=2.3V
ILOAD=25mA
VIN=2.0V
ILOAD=50mA
VIN=2.0V
Efficiency vs. Load Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
100
Load Current (mA)
VIN=1.8V
VIN=2.0V
VIN=2.6V
Efficiency vs. Supply Voltage
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Supply Voltage (V)
100mA
5mA
50mA
Supply Current vs. Supply Voltage
0
10
20
30
40
50
60
1.5
2.0
2.5
3.0
3.5
Supply Voltage (V)
No Load, Switching
No Load, Not Switching
Output Voltage vs. Output Current
3.20
3.25
3.30
3.35
3.40
0.01
0.1
1
10
100
1000
Output Current (mA)
VIN=1.7V
VIN=2.3V
VIN=2.6V
VIN=2.0V


Similar Part No. - AAT3111-33

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
AAT3111IGU-3.3-T1 AAT-AAT3111IGU-3.3-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
AAT3111IGU-3.6-T1 AAT-AAT3111IGU-3.6-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
AAT3111IJS-3.3-T1 AAT-AAT3111IJS-3.3-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
AAT3111IJS-3.6-T1 AAT-AAT3111IJS-3.6-T1 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results

Similar Description - AAT3111-33

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com