Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCIS-6400X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCIS-6400X
Description  4U 5-slot CompactPCI Chassis with 400 W Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCIS-6400X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCIS-6400X Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCIS-6400X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
3-11
Specifications
Enclosure
EIA RS-310C 19” 4U high rackmount enclosure
Coated metal plate outer covering
CompactPCI®
2.0 R3.0, 2.1 R2.0, 2.5 R1.0
Standards
Form Factor
6U CompactPCI®
Backplane
cBP-6405R: 5-slot 64-bit 66 MHz 6U cPCI CT Bus
Backplane
Power Supply
APS940XA: 400 W ATX power supply with cooling fan
AC Input
Auto range, 90-130 V AC and 180-260 V
AC 47-63 Hz
DC Output
35 A @ +5 V, 25 A @ +3.3 V, 30 A @ +12 V,
1A @ -12 V (+5 Vsb and -5 V are not used
in cPCI system)
The total output current of the 5 V & 3.3 V
source must not exceed 45 A
Maximum total output for all DC: 400 W
Efficiency: 65% at 115 V, full load
Protection
Over load protection: 110%-140%
Over voltage protection on +5 V
Short circuit protection: each voltage
output
Over temperature protection: 70
De-rating
De-rating temperature: 40
De-rating rate: 20
Certifications
UL 1950/ CSA22.2 No.234
TUV EN-60950 “B”
IEC-801-2, 3, 4, 5
FCC part 15 Class A, CISPR 22 (EN55022)
Basic Alarm Module
Monitors inner chassis temperature and fan status
Abnormal status will generate alarm and LED warning
Alarm reset
LEDs indicate status of 5 V, 3.3 V, 12 V, and -12 V
Cooling System
Front-access hot-swappable fan tray for ventilation:
•12VDCbrushless,dualballbearing
•One fan for intake and one fan for ventilation with 51 CFM each
•Ratedspeedforeachfan:3600±250RPM
•Ratedpowerforeachfan:2.8W
Rear-access hot-swappable fan modules for drive bays:
•12VDCbrushless,VAPObearing
•Three10.8CFMfanmodulesforventilation
•Ratedspeedforeachfan:8200±1000RPM
•Ratedpowerforeachfan:1.6W
Drive Bay
Built-in slim type optical drive
Dual removable 3.5” SATA HDD racks
Dimensions
482.6 x 177.0 x 350.6 (mm, W x H x D, w/ handle)
Weight
14.5 kg/32 lbs (including power supply and backplane)
Operating Temp.
0˚C to 55˚C (dependent on system configuration)
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15 G peak-to-peak, 11 ms duration, non-operation
Vibration
Non-operation: 1.88 Grms, 5-500 Hz, each axis
Operation: 0.5 Grms, 5-500 Hz, each axis, tested with
2.5” HDD
NEBS
Designed for NEBS Level 3
4U 5-slot CompactPCI® Chassis with
400 W Power Supply
cPCIS-6400X Series
Features
Standard 6U CompactPCI® and PICMG® 2.5
H.110 CT Bus
PICMG® 2.1 Hot Swap compliant 32-bit or 64-bit
5-slot CompactPCI® backplane with P3 & P5 rear
I/O
Built-in 400 W AC-input ATX power supply
Built-in slim type optical drive
Dual-removable SATA HDD racks
Guarded power switch and reset button
Redundant cooling architecture


Similar Part No. - CPCIS-6400X

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-6400X ADLINK-CPCIS-6400X Datasheet
260Kb / 2P
   4U 5-slot CompactPCI Chassis with 400 W Power Supply
More results

Similar Description - CPCIS-6400X

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-6400X ADLINK-CPCIS-6400X Datasheet
260Kb / 2P
   4U 5-slot CompactPCI Chassis with 400 W Power Supply
logo
List of Unclassifed Man...
CPCIS-6400U ETC2-CPCIS-6400U Datasheet
349Kb / 2P
   4U 5-slot CompactPCI Chassis with Redundant Power Supplies
logo
Adlink Technology Inc.
CPCIS-6400U ADLINK-CPCIS-6400U Datasheet
236Kb / 2P
   4U 5-slot CompactPCI Chassis with Redundant Power Supplies
CPCIS-P2630R ADLINK-CPCIS-P2630R Datasheet
163Kb / 2P
   4U CompactPCI Hybrid PlusIO System with 5 CompactPCI
logo
List of Unclassifed Man...
PXIS-2506 ETC2-PXIS-2506 Datasheet
294Kb / 1P
   6-Slot 3U PXI/CompactPCI Chassis with 250 W CompactPCI Power Module
CPCIS-2630 ETC2-CPCIS-2630 Datasheet
376Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 400 W ATX Power Supply
logo
Adlink Technology Inc.
CPS-H640 ADLINK-CPS-H640 Datasheet
136Kb / 2P
   400 W 6U CompactPCI Hot-Swappable Redundant Power Supply
CPCIS-6418U ADLINK-CPCIS-6418U Datasheet
845Kb / 2P
   4U 8-slot CompactPCI System with Redundant Power Supplies
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com